Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT4070 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4070
Description  Wide Input 3A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4070 Datasheet HTML 1Page - Active-Semi, Inc ACT4070 Datasheet HTML 2Page - Active-Semi, Inc ACT4070 Datasheet HTML 3Page - Active-Semi, Inc ACT4070 Datasheet HTML 4Page - Active-Semi, Inc ACT4070 Datasheet HTML 5Page - Active-Semi, Inc ACT4070 Datasheet HTML 6Page - Active-Semi, Inc ACT4070 Datasheet HTML 7Page - Active-Semi, Inc ACT4070 Datasheet HTML 8Page - Active-Semi, Inc ACT4070 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACT4070
Rev 2, 16-Sep-11
- 2 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
Innovative Power
TM
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4070YH
-40°C to 85°C
SOP-8/EP
8
TUBE
ACT4070YH-T
-40°C to 85°C
SOP-8/EP
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
BS
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver.
Connect a 10nF between this pin and SW.
2
IN
Input Supply. Bypass this pin to GND with a low ESR capacitor. See Input Ca-
pacitor
in Application Information section.
3
SW
Switch Output. Connect this pin to the switching end of the inductor.
4
GND
Ground.
5
FB
Feedback Input. The voltage at this pin is regulated to 1.222V. Connect to the
resistor divider between output and ground to set output voltage.
6
COMP
Compensation Pin. See Compensation Technique in Application Information sec-
tion.
7
EN
Enable Input. When higher than 1.3V, this pin turns the IC on. When lower than
0.7V, this pin turns the IC off. Output voltage is discharged when the IC is off. This
pin has a small internal pull up current to a high level voltage when pin is not con-
nected.
8
N/C
Not Connected.
EP
EP
Exposed Pad shown as dashed box. The exposed thermal pad should be con-
nected to board ground plane and pin 4. The ground plane should include a large
exposed copper pad under the package for thermal dissipation (see package out-
line). The leads and exposed pad should be flush with the board, without offset
from the board surface.
SOP-8/EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com