Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

G120POG Datasheet(PDF) 1 Page - ORION FANS

Part # G120POG
Description  Fan Guards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

G120POG Datasheet(HTML) 1 Page - ORION FANS

  G120POG Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fan Guards
Plastic, UL94V-O
Aerodynamic
design helps to
reduce fan noise
G40P
G60P
G80P
G92P
G120P
G172P
Part Number
Fan Size
Matching Fan Series
G40P
40mm
(1.57”)
OD4010, OD4020, OD4028
G60P
60mm
(2.36”)
OD6010, OD6015, OD6020,
OD6025, OA60
G80P
80mm
(3.15”)
OD8015, OD8020, OD8025,
OA825, OA80
G92P
92mm
(3.62”)
OD9220, OD9225, OA92, OA938
G120P
G120POG
120mm
(4.7”)
OD1225, OD1238, OA125,
OA109, OA4715
G172P
172mm
(6.7”)
OD172, OA162, OA172
10557 Metric Drive, Dallas, Texas 75243
Call Us: 800-323-2439 or 214-340-0265
www.OrionFans.com (Orion Fans is a registered Trademark of Knight Electronics, Inc.
7
74351 Guards Brochure:74351 Guards Brochure
5/1/08
3:21 PM
Page 8


Similar Part No. - G120POG

ManufacturerPart #DatasheetDescription
logo
ORION FANS
G120POG ORIONFANS-G120POG Datasheet
192Kb / 1P
Push-On Guards
More results

Similar Description - G120POG

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QSG-40-02 QUALTEK-QSG-40-02 Datasheet
658Kb / 1P
Plastic Fan Guards for QLM Sleeves
logo
ebm-papst
LZ22N EBMPAPST-LZ22N Datasheet
436Kb / 2P
METAL FINGER GUARDS
LZ32-2 EBMPAPST-LZ32-2 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
logo
ORION FANS
G25-2 ORIONFANS-G25-2 Datasheet
121Kb / 1P
Fan Guards
G60-4 ORIONFANS-G60-4 Datasheet
133Kb / 1P
Fan Guards
G60POG ORIONFANS-G60POG Datasheet
192Kb / 1P
Push-On Guards
G109-15A ORIONFANS-G109-15A Datasheet
151Kb / 1P
Fan Guards
G180-11 ORIONFANS-G180-11 Datasheet
153Kb / 1P
Fan Guards
logo
Qualtek Electronics Cor...
QSG-40-01 QUALTEK-QSG-40-01 Datasheet
654Kb / 1P
Plastic Fan Guards
logo
List of Unclassifed Man...
G119-8 ETC2-G119-8 Datasheet
760Kb / 1P
Fan Guards for 127mm Fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com