Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SAM3N Datasheet(PDF) 1 Page - ATMEL Corporation

Part # SAM3N
Description  Cortex M3 Flash Microcontroller Converges Performance and Simplicity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3N Datasheet(HTML) 1 Page - ATMEL Corporation

  SAM3N Datasheet HTML 1Page - ATMEL Corporation SAM3N Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
• Atmel®entrypointintoCortex™M3technology
• Pin-to-pincompatiblewithbest-sellingAtmelSAM7Sseries
andAtmelSAM3Sseries
• NativeAtmelQTouch®capacitivetouchsupport
(buttons/sliders/wheels)
• Lowpowerconsumptionenabledbyadvancedpower
managementtechniquesandlowoperatingvoltagecapability
• Delivershigh-speedserialinterfaces(SPI,UART)
• SimplifiedPCBdesignandlowsystemcost
• Advancedsafetyandsecurityfeatures
KeyFeatures
• 1.62Vto3.6Vsupply
• CortexM3rev2.0processorrunningatupto48MHz
• Native3-layerAdvancedHigh-performanceBus(AHB)
Matrix,10DMAchannels
• Embeddedregulator,power-on-reset,brown-outdetection
andmultipleclocksourcesincluding32kHzoscillatorand
factory-trimmedRC
• High-speedcommunicationperipheralsincludingUSART
(18Mbps),SPI(38Mbps)
• Upto16-channel10-bit384KspsADC,1-channel10-bit
500KspsDAC
• Powerfulandflexible16-bittimerswithquadraturedecoder
andgraycounter.PowerfulPWMunit,calendarRTC,
watchdog
• Powerconsumption1.9 µAinbackupmode,22mA
@48MHz,0.9mA@1MHz
• 128-bituniqueID
• Upto79I/Olineswithintegratedserialresistors
(on-dietermination)
• 48-,64-and100-pinpackages
ApplicationAreas
• Industrialcontrol
• Metering
• Medical
• Testandmeasurement
• 802.15.4wirelessnetworking
• Toysandconsumerperipherals
• Remotecontrol
Atmel SAM3N Series
CortexM3FlashMicrocontrollerConverges
PerformanceandSimplicity


Similar Part No. - SAM3N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3N ATMEL-SAM3N Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
SAM3N ATMEL-SAM3N_14 Datasheet
1Mb / 60P
Pin-to-pin compatible with SAM7S legacy products
More results

Similar Description - SAM3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
November 07, 2017
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32561 MAXIM-MAX32561 Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com