Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP1612PW05 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 5Page - STMicroelectronics STP1612PW05 Datasheet HTML 6Page - STMicroelectronics STP1612PW05 Datasheet HTML 7Page - STMicroelectronics STP1612PW05 Datasheet HTML 8Page - STMicroelectronics STP1612PW05 Datasheet HTML 9Page - STMicroelectronics STP1612PW05 Datasheet HTML 10Page - STMicroelectronics STP1612PW05 Datasheet HTML 11Page - STMicroelectronics STP1612PW05 Datasheet HTML 12Page - STMicroelectronics STP1612PW05 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
STP1612PW05
Electrical characteristics
Doc ID 15819 Rev 4
9/35
4
Electrical characteristics
TA = 25 °C (Unless otherwise specified)
Table 8.
Electrical characteristics (VDD = 5.0 V)
Symbol
Characteristics
Test conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
4.5
5.0
5.5
V
VO
Maximum output
voltage
OUT0 ~ OUT15
20
V
IOUT
Output current
VO = 1.2V
5
60
mA
IOH
SDO, TA = - 40 ~ 125 °C
-8
mA
IOL
SDO, TA = - 40 ~ 125 °C
8
mA
VIH
Input voltage
“H” level
TA = - 40 ~ 125 °C
0.7 *
VDD
VDD
V
VIL
Input voltage
“L” level
TA = - 40 ~ 125 °C
GND
0.3 *
VDD
V
IOH
Output leakage
current
VO = 20 V
10
μA
VOL
Output voltage
SDO
IOL = + 1.0 mA,
TA = - 40 ~ 125 °C
0.4
V
VOH
IOH = -1.0 mA
TA = - 40 ~ 125 °C
VDD -
0.4
V
dIOUT1
Current skew
(Channel)
IOUT = 10 mA
VO = 1.0 V, Rext = 69 kΩ
± 1.5
± 3.0
%
dIOUT2
Current skew (IC)
IOUT = 10 mA
VO = 1.0 V, Rext = 69 kΩ
± 3.0
± 6.0
%
%/dVO
Output current vs.
output voltage
regulation
VO within 1.0 V and 3.0 V,
Rext = 34.7 kΩ @ 20 mA
± 0.1
± 0.5
% / V
%/dVDD
Output current vs.
supply voltage
regulation
VDD within 4.5 V and 5.5 V
± 1.0
± 5.0
% / V
VO,TH
0.15
0.20
V
RIN(down)
Pull-down resistor
LE
150
200
250
k
Ω
IDD(off) 1
Supply current
“Off”
Rext = Open,
OUT0 ~ OUT15 = Off
710
13
mA
IDD(off) 2
IO = 20 mA,
OUT0 ~ OUT15 = Off
6.6
9.5
12
IDD(off) 3
IO = 60 mA,
OUT0 ~ OUT15 = Off
9
12.7
16.5
IDD(on) 1
Supply current
“On”
IO = 20 mA,
OUT0 ~ OUT15 = On
6.6
9.4
12.2
IDD(on) 2
IO = 60 mA,
OUT0 ~ OUT15 = On
8
11.5
14.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com