Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC3H4 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3H4
Description  Mini-falt Package AC Input Type Half Pitch Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H4 Datasheet(HTML) 1 Page - Sharp Corporation

  PC3H4 Datasheet HTML 1Page - Sharp Corporation PC3H4 Datasheet HTML 2Page - Sharp Corporation PC3H4 Datasheet HTML 3Page - Sharp Corporation PC3H4 Datasheet HTML 4Page - Sharp Corporation PC3H4 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Soldering area
PC3H4/PC3Q64Q
PC3H4/PC3Q64Q
s Package Specifications
s Outline Dimensions
(Unit : mm)
Mini-falt Package AC Input Type
Half Pitch Photocoupler
1. Programmable controllers
s Features
s Applications
1. AC input type
2. Half pitch type (lead pitch : 1.27mm)
3. Isolation voltage between input and output
(Viso: 2 500Vrms)
4. Applicable to infrared ray reflow
(230˚C, for MAX. 30s)
5. High reliability
6. Taping package
PC3H4 (1ch), PC3Q64Q (4ch)
7. Recognized by UL, file No. E64380
Approved by VDE, No.5922UG
Model No.
PC3H4
PC3Q64Q
Taping specifications
Taping reel diameter 330mm (3 000pcs.)
Taping reel diameter 330mm (1 000pcs.)
s Absolute Maximum Ratings
Parameter
Rating
Collector-emitter
voltage
PC3H4
PC3Q64Q
Emitter-collector voltage
Collector current
Operating temperature
Symbol
IF
IFM
P
VCEO
VCEO
VECO
IC
PC
Ptot
Viso
Topr
Tstg
Tsol
±50
±1
70
70
6
50
150
170
2.5
−30 to +100
−40 to +125
260
*1 Pulse width
<=100µs, Duty ratio : 0.001
*2 AC for 1min, 40 to 60%RH, f
=60Hz
*3 For 10s
Forward current
Power dissipation
Collector power dissipation
Total power dissipation
Storage temperature
*3
Soldering temperature
*2
Isolation voltage
*1
Peak forward current
Unit
mA
A
mW
V
35
V
V
mA
mW
mW
˚C
˚C
˚C
kVrms
(Ta
=25˚C)
S
3H4
1
2
4
3
4
2
1
3
4.4±
0.2
5.3±
0.3
7.0+
0.2
−0.7
(1.7)
0.5+
0.4
−0.2
1
2
3
4
Anode
Cathode
Emitter
Collector
Internal connection diagram
g ( ) : Reference dimensions
Epoxy resin
Parting line
Anode mark
Model No.
C0.4
Epoxy resin
6
°
Primary
Side
mark
10.3±
0.3
1.27±
0.25
16
1
8
9
0.5+
0.4
−0.2
7.0+
0.2
−0.7
0.4±
0.1
5.3±
0.3
Internal connection diagram
Anode/Cathode
Anode/Cathode
Emitter
Collector
12
3
4
5
6
7
8
2 4 6 8
10 12 14 16
9 11 13 15
1 3 5 7
16
15
14
13
12
11
10
9
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
PC3H4
PC3Q64Q


Similar Part No. - PC3H4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H4 SHARP-PC3H4 Datasheet
660Kb / 14P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
189Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
396Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results

Similar Description - PC3H4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
Mini-flat Package, AC Input Type Photocoupler
PC3H7 SHARP-PC3H7 Datasheet
67Kb / 5P
Mini-falt Package, General Purpose Half Pitch Photocoupler
PC314 SHARP-PC314 Datasheet
154Kb / 4P
OPAQUE MINI-FLAT PACKAGE, AC INPUT TYPE PHOTOCOUPLER
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4J00000F SHARP-PC3H4J00000F Datasheet
211Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com