Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS060S2UD01 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 4Page - Sharp Corporation LS060S2UD01 Datasheet HTML 5Page - Sharp Corporation LS060S2UD01 Datasheet HTML 6Page - Sharp Corporation LS060S2UD01 Datasheet HTML 7Page - Sharp Corporation LS060S2UD01 Datasheet HTML 8Page - Sharp Corporation LS060S2UD01 Datasheet HTML 9Page - Sharp Corporation LS060S2UD01 Datasheet HTML 10Page - Sharp Corporation LS060S2UD01 Datasheet HTML 11Page - Sharp Corporation LS060S2UD01 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LCP-1310002-6
7.
Timing
characteristics
of
input
signals
7-1
AC
Timing
Table7-1
VDD=2.7~3.6V,VDDIO=1.65~3.6V,Ta=25℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
RS,CSB
setup
time
tAS
50
ns
RS
CSB
RS,CSB
hold
time
tAH
10
ns
write
cycle
tCYCW
250
ns
16bit
bus,2bit/pixel
250
ns
8bit
bus,2bit/pixel
16bit
bus,2bit/pixel
125
ns
write
cycle
(High-speed
writing
mode)
tCYCW
8bit
bus,4bit/pixel
62.5
ns
Control
pulse
"L"
Width
tCPLW
40
ns
WR
Control
pulse
"H"
Width
tCPHW
40
ns
Read
cycle
tCYCR
250
ns
Control
pulse
"L"
Width
tCPLR
40
ns
RD
Control
pulse
"H"
Width
tCPHR
125
ns
Data
setup
time
tDS
30
ns
Data
hold
time
tDH
10
ns
Read
access
time
tACC
60
ns
D[15:00]
Read
access
time
tOD
C
L
=30pF
(max.)
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com