Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL431BU Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TL431BU
Description  Programmable Precision Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TL431BU Datasheet(HTML) 1 Page - Micro Commercial Components

  TL431BU Datasheet HTML 1Page - Micro Commercial Components TL431BU Datasheet HTML 2Page - Micro Commercial Components TL431BU Datasheet HTML 3Page - Micro Commercial Components TL431BU Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TL431BU
Programmable
Precision Regulator
Features
Programmable Output Voltage 36V
Sink Current Capability of 0.1mA to 100 mA
Temperature Compensated for operation over full rated operating
temperature range
Low output noise voltage and Fast turn on response
The Reference Input Voltage tolerance is 0.5%
Marking Code: 431
MaximumRatings
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
37
V
Cathode Current Range
IK
-100~150
mA
Reference Input Current Range
IREF
0.05~10
mA
Power Dissipation at 25
PD
0.2
W
Thermal Resistance Junction to Ambient
RθJA
300
/W
Operating Temperature
Topr
0---70
Storage Temperature Range
TSTG
-55---+150
RecommendedOperatingConditions
Parameter
Sym
Min
Max
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current Range
IK
1.0
100
mA
ElectricalCharacteristics@25°CUnlessOtherwiseSpecified
Parameter
Sym
Min
Typ
Max
Test conditions
Reference Input
Voltage
Vref
2.487V
2.500V
2.512V
Deviation of
reference input
voltage
Vref(dev)
3.0mV
17mV
-1.4
-2.7
VKA=10V
Vref
Ratio of Change in
Reference Input
Voltage to the
Change in Cathode
Voltage
Vref/
VKA
-1.0
-2.0
VKA=36V
10V
Reference Input
Current
Iref
1.8
µA
4.0
µA
IKA=10mA,
R1=10K
R2=
Deviation of
Reference Input
Current Over Full
Temperature Range
Iref/
T
0.4
µA
1.2
µA
IKA=10mA,
R1=10K
R2=
TA=full Temperature
Minimum Cathode
Current for
Regulation
IKA(min)
0. 5mA
1.0mA
Off-State Cathode
Current
IKA(off)
0.26
µA
1.0
µA
VKA=36V, VREF=0V
Dynamic Impedance
ZKA
0.22
0.5
IKA=10 to 100mA,
f
1.0KHz
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
K
Suggested Solder
Pad Layout
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
DIMENSIONS
SOT-23
1. (A) ANODE
2. (R) REFERENCE
3. (K) CATHODE
1
2
3
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
VKA=VREF, IKA=10mA
Tmin
Ta
Tmax
VKA=VREF, IKA=10mA
www.mccsemi.com
1
of 4
Revision:
A
20
11/01/01
Micro Commercial Components
TM
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Similar Part No. - TL431BU

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431BU MCC-TL431BU Datasheet
188Kb / 4P
Programmable Precision Regulator
TL431BU MCC-TL431BU_13 Datasheet
188Kb / 4P
Programmable Precision Regulator
More results

Similar Description - TL431BU

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0076 NSC-LH0076 Datasheet
156Kb / 5P
NEGATIVE PRECISION PROGRAMMABLE REGULATOR
logo
Micro Commercial Compon...
TL431AU MCC-TL431AU Datasheet
422Kb / 3P
Programmable Precision Regulator
TL431X MCC-TL431X Datasheet
690Kb / 2P
Programmable Precision Shunt Regulator
TL431ALP MCC-TL431ALP Datasheet
251Kb / 2P
Programmable Precision Regulator
TL431AU MCC-TL431AU_11 Datasheet
290Kb / 4P
Programmable Precision Regulator
TL431BLP MCC-TL431BLP Datasheet
236Kb / 4P
Programmable Precision Regulator
TL431AU MCC-TL431AU_13 Datasheet
212Kb / 4P
Programmable Precision Regulator
TL431BLP MCC-TL431BLP_13 Datasheet
199Kb / 4P
Programmable Precision Regulator
TL431BU MCC-TL431BU_13 Datasheet
188Kb / 4P
Programmable Precision Regulator
TL431K MCC-TL431K Datasheet
463Kb / 6P
Programmable Precision Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com