Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC702V Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC702V
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC702V Datasheet(HTML) 4 Page - Sharp Corporation

  PC702V Datasheet HTML 1Page - Sharp Corporation PC702V Datasheet HTML 2Page - Sharp Corporation PC702V Datasheet HTML 3Page - Sharp Corporation PC702V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC702V
-30
20
0
40
60
10 -12
80
100
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -13
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig.11 Frequency Response
Frequency f ( kHz )
0
2
0.5 1
2
5
10
500
200
100
50
20
IF = 10mA
V CC =5V
T a = 25˚C
RL = 200 Ω
150
Ω
75
Ω
0.5
1
0.02
0.1
0.5
tr
tf
10
0.2
0.05
2
5
L ( k Ω )
T a = 25˚C
V CC =5V
IF=10mA
Forward current I F ( mA )
0
0
1
2
3
4
5
2.5
5.0
7.5
10.0
12.5
1mA
2mA
3mA
5mA
6
IC = 0.5mA
T a = 25˚C
Fig.12 Collector-emitter Saturation
Voltage vs. Forward Current
Test Circuit for Response Time
90%
10%
Output
Input
RL
Input
Output
VCC
RD
td
ts
tr
t
Test Circuit for Frequency Response
VCC
RL
Output
RD
V CE = 10V
Ambient temperature T a (˚C)
f
“ Precautions for Use ” .
Please refer to the chapter
-10
-8
-6
-4
-2
Fig.10 Response Time vs. Load Resistance
Load resistance R
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com