Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC824 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC824
Description  AC Input Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC824 Datasheet(HTML) 1 Page - Sharp Corporation

  PC824 Datasheet HTML 1Page - Sharp Corporation PC824 Datasheet HTML 2Page - Sharp Corporation PC824 Datasheet HTML 3Page - Sharp Corporation PC824 Datasheet HTML 4Page - Sharp Corporation PC824 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC814 Series
PC814 Series
AC Input Photocoupler
s Features
s Applications
2. High isolation voltage between input and
3. Compact dual-in-line package
4. Current transfer ratio
1. Programmable controllers
2. Telephone sets, telephone exchangers
3. System appliances
4. Signal transmission between circuits of
CTR : MIN. 20% at IF = ± 1mA, VCE =5V
different potentials and impedances
s Outline Dimensions
( Unit : mm)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
5. Recognized by UL, file No. E64380
θ
θ
θ
θ
θ
θ
PC844
PC844
PC814
Internal connection
diagram
CTR rank mark
rank mark
PC824
PC824
Internal connection diagram
CTR
2
1
43
1 Anode, Cathode
2 Anode, Cathode
3 Emitter
4 Collector
4
12
3
12
3
4
5
6
7
8
12
34
5
6
7
8
5 7 Emitter
6 8 Collector
1 3 Anode,Cathode
2 4 Anode,Cathode
12
34
56
7
8
9
CTR
rank mark
Internal connection diagram
12
34
56
7
8
9
1357 Anode, Cathode
2468 Anode, Cathode
9
Emitter
Collector
PC814 ( 1-channel type )
PC824 (2-channel type )
PC844 ( 4-channel type )
1. AC input
Primary side mark
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC814I/PC814P )
output ( V : 5 000Vrms )
0.9 ± 0.2
1.2 ± 0.3
2.54 ± 0.25
19.82 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13˚
1.2 ± 0.3
0.9 ± 0.2
2.54 ± 0.25
θ = 0 to 13 ˚
9.66 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
4.58 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13 ˚
11
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
10
10
10


Similar Part No. - PC824

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
Integrated Processor Family
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
ATMEL Corporation
PC8240VTPU200ETC ATMEL-PC8240VTPU200ETC Datasheet
421Kb / 42P
Integrated Processor Family
PC8245 ATMEL-PC8245 Datasheet
429Kb / 61P
Integrated Processor Family
PC8245MTPU300D ATMEL-PC8245MTPU300D Datasheet
429Kb / 61P
Integrated Processor Family
More results

Similar Description - PC824

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
logo
Everlight Electronics C...
H11AAX_0809 EVERLIGHT-H11AAX_0809 Datasheet
411Kb / 12P
AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G_16 Datasheet
861Kb / 11P
4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
Aug 31, 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com