Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST1S09IPUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1S09IPUR
Description  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09IPUR Datasheet(HTML) 4 Page - STMicroelectronics

  ST1S09IPUR Datasheet HTML 1Page - STMicroelectronics ST1S09IPUR Datasheet HTML 2Page - STMicroelectronics ST1S09IPUR Datasheet HTML 3Page - STMicroelectronics ST1S09IPUR Datasheet HTML 4Page - STMicroelectronics ST1S09IPUR Datasheet HTML 5Page - STMicroelectronics ST1S09IPUR Datasheet HTML 6Page - STMicroelectronics ST1S09IPUR Datasheet HTML 7Page - STMicroelectronics ST1S09IPUR Datasheet HTML 8Page - STMicroelectronics ST1S09IPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
ST1S09
4/18
Doc ID 13632 Rev 4
2
Pin configuration
Figure 2.
Pin connections (top view)
ST1S09A
ST1S09I
ST1S09
Table 2.
Pin description
Pin n°
Symbol
Name and function
1
FB
Feedback voltage
2
GND
System ground
3
SW
Switching pin
4VIN_SW
Power supply for the MOSFET switch
5VIN_A
Power supply for analog circuit
6
INH/PG/NC
Inhibit (to turn off the device) / Power Good / Not Connected
Exposed
Pad
GND
To be connected to PCB ground plane for optimal electrical and thermal
performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com