Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MS6336 Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6336
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336 Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6336_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 10Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 11Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
9/21
www.mosanalog.com
Right justified format
0
1
2
15
14
13
2
1
0
MSB
LSB
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
Left justified format
15
14
13
2
1
0
MSB
LSB
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
15
MSB
I2S format
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
1 BCK
1 BCK
15
14
13
2
1
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com