Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC904 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC904
Description  Built-in Voltage Detection Circuit Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC904 Datasheet(HTML) 2 Page - Sharp Corporation

  PC904 Datasheet HTML 1Page - Sharp Corporation PC904 Datasheet HTML 2Page - Sharp Corporation PC904 Datasheet HTML 3Page - Sharp Corporation PC904 Datasheet HTML 4Page - Sharp Corporation PC904 Datasheet HTML 5Page - Sharp Corporation PC904 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PC904
Conditions
V K =V REF , I A = 10mA
VK =VREF , I A = 10mA, Ta = - 25 to + 85˚C
IA = 10mA,
∆VA = 30V - V REF
IA = 10mA, R 3 = 10k
Ω
IA = 10mA, R3 = 10k
Ω, Ta= - 25 to + 85˚C
V K =V REF
V A = 30V, V REF = GND
V K =V REF , I A = 10mA
V CE = 35V
VK =VREF , I A = 5mA, V CE =5V
VK =VREF , I A = 10mA, I C = 1mA
*3 V REF(dev ) =VREF (MAX.) -VREF (MIN. )
*4 I REF(dev ) =IREF (MAX.) -IREF (MIN. )
*5 CTR = I C / I A x 100 (% )
MIN.
TYP.
MAX.
Unit
Fig.
2.40
2.495
2.60
V
1
-
8
40
mV
1
-
- 1.4
- 5
mV/V
2
-2
10
µ A3
-
0.4
3
µ A3
-1
2
mA
1
-
0.1
2
µ A4
-
1.2
1.4
V
1
-
1x 10 -9 1x 10 -7
A5
50
-
600
%
6
-
-
0.1
0.2
V
6
5x 1010 1x 1011
-
Ω
0.6
1.0
pF
-
-
s Test Circuit
Fig. 1
Fig. 2
Model No.
Rank mark
CTR ( % )
A
50 to 150
B
100 to 300
C
250 to 600
A, B or C
50 to 600
( Ta = 25˚C)
s Electro-optical Characteristics
Parameter
Input
Reference voltage
reference voltage
*3Temperature change in
Voltage variation ratio in
reference voltage
Reference input current
reference input current
*4Temperature change in
Minimum drive current
Anode-cathode forward voltage
Output
Collector dark current
Transfer
charac-
teristics
Collector-emitter
saturation voltage
Isolation resistance
Floating capacitance
6
7
2
1
4
3
V
V
A
3
4
1
2
7
6
Ia
VK
VCC
VREF
VF
VCC
VA
R1
R2
VREF
IA
PC904A
PC904B
PC904C
PC904
*5Current transfer ratio
Symbol
V REF
V REF(dev)
∆VREF /∆VA
I REF
IREF(dev)
I MIN
I OFF
V F
ICEO
CTR
V CE(sat)
R ISO
Cf
OFF-state anode current
V = 0, f = 1kHz
Classification table of current transfer ratio is shown below.( 4 models )
40 to 60% RH, DC500V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com