Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC912X Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC912X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC912X Datasheet(HTML) 1 Page - Sharp Corporation

  PC912X Datasheet HTML 1Page - Sharp Corporation PC912X Datasheet HTML 2Page - Sharp Corporation PC912X Datasheet HTML 3Page - Sharp Corporation PC912X Datasheet HTML 4Page - Sharp Corporation PC912X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s Applications
s Absolute Maximum Ratings
( Unit : mm)
PC912X
1. Ultra-high speed response
1. Personal computers
2. Electrical music instruments
*1 Ta = 0 to 70˚C
*4 AC for 1 minute, 40 to 60% RH
*5 For 10 seconds
( Ta = 25˚C)
PC912X
Parameter
Symbol
Rating
Unit
Input
*1Forward current
IF
20
mA
Reverse voltage
*1Power dissipation
V R
P
5
40
V
mW
Output
Supply voltage
*2Enable voltage
V CC
V E
7
7
V
V
High level output current
Low level output current
I OH
IOL
-8
mA
25
mA
dissipation
P O
40
mW
*4 Isolation voltage
V iso
2.5
Operating temperature
T opr
0 to + 70
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*5 Soldering temperature
T sol
260
˚C
θ
Internal connection
diagram
12
3
4
5
6
7
8
1234
5
6
7
8
PC912
1 NC
2 Anode
3 Cathode
4 NC
5 GND
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
s Outline Dimensions
s Features
( tPHL , t PLH : TYP. 40ns )
2. High instantaneous common mode rejection
voltage ( CM H : MIN. 3kV/
µ s)
3. Capable of high speed digital transmission
( Transmission speed : MAX. 20Mb/s )
( NRZ signal )
*1, 3 Collector power
*2 It shall not exceed 500mV or more over supply voltage ( VCC).
*3 Applied to output terminal ( VO)
Ultra-high Speed Response
OPIC Photocoupler
Amp.
kV rms
θ : 0 to 13 ˚
0.85 ± 0.3
1.2 ± 0.3
0.8 ± 0.2
2.54 ± 0.25
9.22 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
6 V O
7 V E
8 VCC


Similar Part No. - PC912X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC912XDP512F0CAA FREESCALE-PC912XDP512F0CAA Datasheet
7Mb / 1350P
Covers, S12XD, S12XB & S12XA Families
PC912XDP512F0CAAR FREESCALE-PC912XDP512F0CAAR Datasheet
7Mb / 1350P
Covers, S12XD, S12XB & S12XA Families
PC912XDP512F0CAAR FREESCALE-PC912XDP512F0CAAR Datasheet
7Mb / 1348P
HCS12X Microcontrollers
PC912XDP512F0CAAR FREESCALE-PC912XDP512F0CAAR Datasheet
7Mb / 1348P
HCS12X Microcontrollers
PC912XDP512F0CAAR FREESCALE-PC912XDP512F0CAAR Datasheet
4Mb / 1348P
HCS12X Microcontrollers
More results

Similar Description - PC912X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC911 SHARP-PC911 Datasheet
65Kb / 5P
Ultra-high Speed Response and High CMR OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
Ultra-high Speed Response, 2-channel OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com