Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PQ3DF53 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ3DF53
Description  3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3DF53 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ3DF53 Datasheet HTML 1Page - Sharp Corporation PQ3DF53 Datasheet HTML 2Page - Sharp Corporation PQ3DF53 Datasheet HTML 3Page - Sharp Corporation PQ3DF53 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Power-Loss Voltage Regulators
PQ3DF53
Fig.1
Test Circuit
Fig.2
Test Circuit for Ripple Rejection
Parameter
Symbol
Conditions
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Unit
MAX.
TYP.
MIN.
3.218
-
-
-
45
-
2.0
-
-
-
-
3.3
0.5
0.5
±0.02
55
-
-
-
-
-
-
3.382
2.0
2.5
-
-
0.5
-
20
0.8
-0.4
17
s Electrical Characteristics
*3 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
*4 In case of opening control terminal 4, output voltage turns on.
(Unless otherwise specified, conditions shall be VIN=5V, IO=2.5A Ta=25˚C)
VO
RegL
RegI
TCVO
RR
Vi-o
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iq
-
IO=5mA to 5.0A
VIN=4 to 10V
Tj=0 to 125˚C
-
*3
, IO=5.0A
-
VC=2.7V
-
VC=0.4V
IO=0A
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
*4
q
3
q
2
q
1
q
5
q
4
A
V
A
A
VIN
Iq
IC
IO
VO
VC
RL
0.33
µF
47
µF
+
q
3
q
2
q
1
q
4
V
ei
VIN
IO
eo
RL
0.33
µF
47
µF
+
+
~
~
q
5
f=120Hz (sine wave)
ei=0.5Vrms
VIN=5V
IO=0.5A
RR=20 log (ei/eo)
Note)
Oblique line portion:Overheat protection may
operate in this area.
0
-20
0
PD1
PD2
PD1 :No heat sink
PD2 :With infinite heat sink
40
20
60
80
20
10
30
40
50
60
Ambient temperature Ta (˚C)
02
4
6
8
10
12
100
80
40
60
20
0
Output current IO (A)
Fig.3
Power Dissipation vs. Ambient
Temperature
Fig.4
Overcurrent Protection
Characteristics (Typical Value)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com