Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S21ME Datasheet(PDF) 4 Page - Sharp Corporation

Part # S21ME
Description  European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21ME Datasheet(HTML) 4 Page - Sharp Corporation

  S21ME Datasheet HTML 1Page - Sharp Corporation S21ME Datasheet HTML 2Page - Sharp Corporation S21ME Datasheet HTML 3Page - Sharp Corporation S21ME Datasheet HTML 4Page - Sharp Corporation S21ME Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S21ME Series
- 30
0
20406080
100
0.1
0.2
0.5
2
5
10
20
1
Fig. 7 Holding Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
2
100
200
300
400
500
600
5
2
5
vs. OFF-state Voltage
10-9
10 -10
10 -11
T a =25˚C
2
(S21ME3/S21ME3F)
2
100
200
300
400
500
600
5
2
5
vs. OFF-state Voltage
10
10
10
T a =25˚C
2
(S21ME4/S21ME4F )
- 30
0
20406080
100
(S21ME3/S21ME3F)
- 30
0
20406080
100
(S21ME4/S21ME4F)
Ambient temperature T a (˚C)
10
20
50
100
10
20
50
100
30
40
30
40
Fig.10 Turn-on Time vs. Forward Current
(S21ME3/S21ME3F)
Forward current I F ( mA )
V D =6V
RL = 100Ω
IF = 20mA
D ( V )
D ( V )
10-7
10-8
10-9
10-10
10-11
10-12
Ambient temperature T a (˚C)
10-4
10-5
10-6
10-7
10-8
10-9
Fig. 8-a Repetitive Peak OFF-state Current
OFF-state voltage V
Fig. 9-a Repetitive Peak OFF-state Current
Fig. 8-b Repetitive Peak OFF-state Current
OFF-state voltage V
vs. Ambient Temperature
vs. Ambient Temperature
-6
-7
-8
Fig. 9-b Repetitive Peak OFF-state Current
VD =600V
VD = 600V
S21ME3/3F
S21ME4/4F
V D =6V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com