Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS952003 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS952003
Description  Programmable Timing Control Hub??for P4??processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS952003 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS952003 Datasheet HTML 1Page - Integrated Device Technology ICS952003 Datasheet HTML 2Page - Integrated Device Technology ICS952003 Datasheet HTML 3Page - Integrated Device Technology ICS952003 Datasheet HTML 4Page - Integrated Device Technology ICS952003 Datasheet HTML 5Page - Integrated Device Technology ICS952003 Datasheet HTML 6Page - Integrated Device Technology ICS952003 Datasheet HTML 7Page - Integrated Device Technology ICS952003 Datasheet HTML 8Page - Integrated Device Technology ICS952003 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS952003
Preliminary Product Review
Pin Description
The ICS952003 is a two chip clock solution for desktop designs using SIS 645/650 style chipsets.When used with a zero delay buffer
such as the ICS9179-06 for PC133 or the ICS93705 for DDR applications it provides all the necessary clocks signals for such a
system.
The ICS952003 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). ICS is the first
to introduce a whole product line which offers full programmability and flexibility on a single clock device. Employing the use of a
serially programmable I
2C interface, this device can adjust the output clocks by configuring the frequency setting, the output divider
ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each individual output
clock.TCH also incorporates ICS's Watchdog Timer technology and a reset feature to provide a safe setting under unstable system
conditions. M/N control can configure output frequency with resolution up to 0.1MHz increment.
General Description
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 11, 13, 19, 29,
42, 48
VDD
PWR
Power supply for 3.3V
FS0
IN
Frequency select pin.
REF0
OUT
14.318 MHz reference clock.
FS1
IN
Frequency select pin.
REF1
OUT
14.318 MHz reference clock.
FS2
IN
Frequency select pin.
REF2
OUT
14.318 MHz reference clock.
5, 8, 18, 24, 25,
32, 37, 41, 46
GND
PWR
Ground pin for 3V outputs.
6
X1
IN
Crystal input,nominally 14.318MHz.
7
X2
OUT
Crystal output, nominally 14.318MHz.
10, 9
ZCLK(1:0)
OUT
Hyperzip clock outputs.
12
PCI_STOP#
IN
Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level, when
MODE pin is in Mobile mode
FS3
IN
Frequency select pin.
PCICLK_F0
OUT
PCI clock output, not affected by PCI_STOP#
FS4
IN
Frequency select pin.
PCICLK_F1
OUT
PCI clock output, not affected by PCI_STOP#
23, 22, 21, 20, 17,
16
PCICLK (5:0)
OUT
PCI clock outputs.
MULTISEL
IN
3.3V LVTTL input for selecting the current multiplier for CPU outputs.
24_48MHz
OUT
Clock output for super I/O/USB default is 24MHz
27
48MHz
OUT
48MHz output clock
28, 36
AVDD
PWR
Analog power supply 3.3V
30, 31
AGPCLK (1:0)
OUT
AGP outputs defined as 2X PCI. These may not be stopped.
PD#
IN
Asynchronous active low input pin used to power down the device into a
low power state. The internal clocks are disabled and the VCO and the
crystal are stopped. The latency of the power down will not be greater
than 3ms.
Vtt_PWRGD
IN
This pin acts as a dual function input pin for Vtt_PWRGD and PD# signal.
When Vtt_PWRGD goes high the frequency select will be latched at
power on thereafter the pin is an asynchronous active low power down
pin.
34
SDATA
I/O
Data pin for I
2C circuitry 5V tolerant
35
SCLK
IN
Clock pin of I
2C circuitry 5V tolerant
38
I REF
OUT
This pin establishes the reference current for the CPUCLK
pairs. This pin requires a fixed precision resistor tied to ground
in order to establish the appropriate current.
43, 39
CPUCLKC (1:0)
OUT
"Complementary" clocks of differential pair CPU outputs. These clocks
are 180° out of phase with SDRAM clocks. These open drain outputs
need an external 1.5V pull-up.
44, 40
CPUCLKT (1:0)
OUT
"True" clocks of differential pair CPU outputs. These clocks are in phase
with SDRAM clocks. These open drain outputs need an external 1.5V pull-
up.
45
CPU_STOP#
IN
Stops all CPUCLKs clocks at logic 0 level, when MODE pin is in Mobile
mode
47
SDRAM
OUT
SDRAM clock output.
15
26
33
2
3
4
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com