Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC596LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC596LP4
Description  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC596LP4_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12 - 116
* Isolation is recorded above insertion loss & measured at output of switch.
Isolation When VL is Connected to OP1*
Isolation When HH is Connected to OP1*
Isolation When HL is Connected to OP1*
Isolation When VH is Connected to OP1*
Return Loss
Typical Insertion Loss vs. Temperature
-10
-8
-6
-4
-2
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
+25C
+85C
-40C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
VL to OP1 (state 16)
VH to OP1 (state 16)
VL to OP1 (state 13)
VH to OP1 (state 14)
HL to OP1 (state 16)
HL to OP1 (state 15)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HH to OP1 (state 8)
HL to OP1 (state 6)
HL to OP1 (state 7)
VL to OP1 (state 6)
VL to OP1 (state 5)
HH to OP1 (state 6)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HH to OP1 (state 11)
HH to OP1 (state 12)
VH to OP1 (state 10)
VL to OP1 (state 11)
VL to OP1 (state 9)
VH to OP1 (state 11)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HL to OP1 (state 3)
VH to OP1 (state 2)
HH to OP1 (state 1)
HH to OP1 (state 4)
VH to OP1 (state 1)
HL to OP1 (state 1)
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
Input RL, Input Selected
Input RL, Input Deselected
Output RL
FREQUENCY (GHz)
HMC596LP4 / 596LP4E
v01.0409
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com