Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC596LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC596LP4
Description  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC596LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12 - 118
DC Blocking And Decoupling Capacitors
The HMC596LP4(E) requires DC blocks on all 6 RF ports (OP1, OP2, VL, HL, VH, HH). Characterization on the
HMC596LP4(E) was done using 0402 size 330pF capacitors on all RF ports. A 1,000 pF DC decoupling capacitor
(0603 size) is recommended for the Vdd pin.
Truth Table
Control Input
Output
to Input State
RF Path State
State
HV 1
Tone 1
HV 2
Tone 2
OP1
OP2
VL to
OP1
HL to
OP1
VH to
OP1
HH to
OP1
VL to
OP2
HL to
OP2
VH to
OP2
HH to
OP2
1
0
0
0
0
VL
VL
LOSS
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
2
0
0
0
1
VL
VH
LOSS
ISOL
ISOL
ISOL
ISOL
ISOL
LOSS
ISOL
3
0
0
1
0
VL
HL
LOSS
ISOL
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
4
0
0
1
1
VL
HH
LOSS
ISOL
ISOL
ISOL
ISOL
ISOL
ISOL
LOSS
5
0
1
0
0
VH
VL
ISOL
ISOL
LOSS
ISOL
LOSS
ISOL
ISOL
ISOL
6
0
1
0
1
VH
VH
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
LOSS
ISOL
7
0
1
1
0
VH
HL
ISOL
ISOL
LOSS
ISOL
ISOL
LOSS
ISOL
ISOL
8
0
1
1
1
VH
HH
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
ISOL
LOSS
9
1
0
0
0
HL
VL
ISOL
LOSS
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
10
1
0
0
1
HL
VH
ISOL
LOSS
ISOL
ISOL
ISOL
ISOL
LOSS
ISOL
11
1
0
1
0
HL
HL
ISOL
LOSS
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
12
1
0
1
1
HL
HH
ISOL
LOSS
ISOL
ISOL
ISOL
ISOL
ISOL
LOSS
13
1
1
0
0
HH
VL
ISOL
ISOL
ISOL
LOSS
LOSS
ISOL
ISOL
ISOL
14
1
1
0
1
HH
VH
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
LOSS
ISOL
15
1
1
1
0
HH
HL
ISOL
ISOL
ISOL
LOSS
ISOL
LOSS
ISOL
ISOL
16
1
1
1
1
HH
HH
ISOL
ISOL
ISOL
LOSS
ISOL
ISOL
ISOL
LOSS
Control Voltages
HV1, Tone1, HV2, Tone2
Bias Voltage
Vdd Range = +5.0 Vdc ± 10 %
Vdd
(Vdc)
Idd (Typ.)
(mA)
Idd (Max.)
(mA)
+5.0
0.2
0.4
State
Bias Condition
Low (0)
0 to 0.8 Vdc @ 0.5 μA Typical
High (1)
+2.0 to +5.0 Vdc @ 0.5 μA Typical
HMC596LP4 / 596LP4E
v01.0409
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com