Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

130NTD Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 130NTD
Description  Thyristor - Diode Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

130NTD Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  130NTD Datasheet HTML 1Page - Naina Semiconductor ltd. 130NTD Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Thyristor
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Low thermal resistance
Thermal & Mechanical Specifications (T
Parameter
Operating junction temperature range
Thermal resistance, junction to case
Electrical Characteristics (TA = 25
0C unless otherwise
Parameter
Maximum average on-state current
Maximum repetitive peak reverse voltage range
Forward voltage drop
Gate current required to trigger
Gate voltage required to trigger
Holding current range
Maximum latching current
Critical rate of rise of off-state voltage
RMS isolated voltage
Maximum Ratings (TA = 25
0C unless otherwise noted)
Parameter
Maximum average forward current @ TJ =
85
0C
Maximum average RMS forward current
Maximum non-repetitive surge current @ t
= 10ms
Maximum I
2t for fusing @ t = 10ms
emiconductor Ltd.
13
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Thyristor – Diode Module
Improved glass passivation for high reliability
(TA = 25
0C unless otherwise noted)
Symbol
TJ
-65 to +1
Rth(JC)
C unless otherwise noted)
Symbol
IT(max)
Maximum repetitive peak reverse voltage range
VRRM
200 to 1600
VFM
IGT
VGT
IH
IL
dv/dt
VISO
C unless otherwise noted)
Symbol
Values
Units
IF(AV)
130
A
IF(RMS)
300
A
IFSM
3300
A
I
2t
51
kA
2s
M2 PACKAGE
130NTD
4205450
Fax: 0120-4273653
Values
Units
65 to +125
0C
0.18
0C/W
Values
Units
130
A
200 to 1600
V
1.55
V
150
mA
2.5
V
200
mA
300
mA
1000
V/µs
3500
V
M2 PACKAGE


Similar Part No. - 130NTD

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
130NT3 NAINA-130NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
130NTT NAINA-130NTT Datasheet
120Kb / 2P
Thyristor - Thyristor Module
More results

Similar Description - 130NTD

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDT-50H SEMPO-SMDT-50H Datasheet
43Kb / 1P
Diode-Thyristor Module
SMDT-70I SEMPO-SMDT-70I Datasheet
50Kb / 1P
Diode-Thyristor Module
SMDT-90 SEMPO-SMDT-90 Datasheet
78Kb / 1P
Diode-Thyristor Module
SMDT-130 SEMPO-SMDT-130 Datasheet
454Kb / 1P
Diode-Thyristor Module
SMDT-130I SEMPO-SMDT-130I Datasheet
61Kb / 1P
Diode-Thyristor Module
SMDT-160H SEMPO-SMDT-160H Datasheet
45Kb / 1P
Diode-Thyristor Module
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
THYRISTOR-DIODE MODULE
SMTD-650I SEMPO-SMTD-650I Datasheet
81Kb / 1P
THYRISTOR-DIODE MODULE
SMDT-500H SEMPO-SMDT-500H Datasheet
347Kb / 1P
Diode-Thyristor Module
SMTD-60I SEMPO-SMTD-60I Datasheet
50Kb / 1P
THYRISTOR-DIODE MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com