Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N6263 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6263
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6263 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6263 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6263 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6263 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6263 2N6264
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6263
120
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6264
IC=0.1 A ; IB=0
140
V
2N6263
IC=0.5A; IB=0.05A
1.2
VCEsat
Collector-emitter
saturation voltage
2N6264
IC=1.0A; IB=0.1A
0.5
V
2N6263
IC=0.5A ; VCE=4V
2.0
VBE
Base -emitter on voltage
2N6264
IC=1.0A ; VCE=2V
1.5
V
2N6263
VCE=120V; VBE(off)=-1.5V
TC=150℃
2
10
ICEX
Collector cut-off current
2N6264
VCE=150V; VBE(off)=-1.5V
TC=150℃
0.05
1.0
mA
2N6263
VCE=100V;IB=0
5
ICEO
Collector cut-off current
2N6264
VCE=130V;IB=0
1
mA
2N6263
VEB=5V; IC=0
2
IEBO
Emitter cut-off current
2N6264
VEB=7V; IC=0
0.2
mA
2N6263
IC=0.5 A ; VCE=4V
20
100
hFE-1
DC current gain
2N6264
IC=1A ; VCE=2V
20
60
2N6263
3
hFE-2
DC current gain
2N6264
IC=3A ; VCE=2V
5
fT
Transition frequency
IC=0.2A ; VCE=4V
200
KHz
2N6263
0.167
Is/b
Second
breakdown
collector
current
with
base forward biased
2N6264
VCE=120Vdc,t=1.0s,
Nonrepetitive
0.417
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com