Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N6497 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6497
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6497 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6497 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6497 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
2N6497/6498/6499
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
:
VCEO(SUS)= 250V(Min)- 2N6497
= 300V(Min)- 2N6498
= 350V(Min)- 2N6499
·DC Current Gain-
: hFE= 10-75@IC= 2.5A
APPLICATIONS
·Designed for high voltage inverters, switching regulators
and line operated amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
2N6497
350
2N6498
400
VCBO
Collector-Base Voltage
2N6499
450
V
2N6497
250
2N6498
300
VCEO
Collector-Emitter Voltage
2N6499
350
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
5
A
ICM
Collector Current-Peak
10
A
IB
Base Current
2
A
PD
Total Power Dissipation@TC=25℃
80
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Rresistance,Junction to Case
1.56
℃/W


Similar Part No. - 2N6497

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6497 MOSPEC-2N6497 Datasheet
179Kb / 4P
POWER TRANSISTORS(5A,80W)
logo
ON Semiconductor
2N6497 ONSEMI-2N6497 Datasheet
148Kb / 6P
POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 11
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6497 ONSEMI-2N6497 Datasheet
64Kb / 8P
High Voltage NPN Silicon Power Transistors
April, 2002 ??Rev. 11
logo
Savantic, Inc.
2N6497 SAVANTIC-2N6497 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6497

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com