Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A15-2E2B-BKB Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 3Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 4Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 5Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 6Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 10Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
S P E C I F I C A T I O N S
M O D E L
A 1 5
D I M E N S I O N A L
D A T A
A N D
A C T U A T I O N
L E V E L S *
INCHES (MM)
Outline Dimensions
Displacer
Threaded Mounting
Flanged Mounting
Type
AB
A
B
Porcelain
5.62
122.00
7.62
124.00
(142)
(3098)
(193)
(3149)
Stainless Steel
5.62
122.00
7.62
124.00
or Karbate
(142)
(3098)
(193)
(3149)
Displacer Type
CD
Porcelain
2.56 (65)
7.25 (184)
Stainless Steel
2.50 (63)
9.00 (228)
or Karbate
Model A15
with Threaded Mounting
2 1/2" NPT
5.93
(151)
A Min.
3.87
(98)
7.94
(201)
6.25
(159)
3.13
(79)
Plug
Max.
B
D
F
Rising Level
Actuation
Falling Level
Actuation
E
Elect.
Conn.
C
Model A15
with Flanged Mounting
Flange
A Min.
Max.
B
D
F
Rising Level
Actuation
Falling Level
Actuation
E
C
5.93
(151)
3.87
(98)
6.25
(159)
Plug
Elect.
Conn.
7.94
(201)
Displacer Liquid
0.50
0.60
0.70
0.80
0.90
1.00
Temp.
EF
E
F
E
FEFE
F
E
F
Type
° F
100
——
5.10 (129) 2.10 (53) 4.50 (114) 1.70 (43) 3.90 (99) 1.70 (43) 3.50 (88)
1.50 (38) 3.20 (81) 1.40 (35)
200
——
5.60 (142) 2.60 (66) 4.90 (124) 2.10 (53) 4.30 (109) 2.10 (53) 3.80 (96)
1.80 (45) 3.50 (88) 1.70 (43)
Porcelain
300
——
5.20 (132) 2.40 (60) 4.50 (114) 2.30 (58) 4.10 (104) 2.10 (53) 3.70 (93) 1.90 (48)
400
——
5.60 (142) 2.80 (71) 4.80 (121) 2.60 (66) 4.30 (109) 2.30 (58) 3.90 (99) 2.10 (53)
500
——
5.10 (129) 2.90 (73) 4.60 (116) 2.60 (66) 4.20 (106) 2.40 (60)
Stainless
100
5.40 (137) 2.00 (50) 4.50 (114) 1.60 (40) 3.90 (99)
1.40 (35) 3.40 (86) 1.20 (30) 3.00 (76)
1.10 (27) 2.70 (68) 1.00 (25)
Steel
200
6.00 (152) 2.60 (66) 5.00 (127) 2.10 (53) 4.30 (109) 1.80 (45) 3.70 (93) 1.60 (40) 3.30 (83)
1.40 (35) 3.00 (76) 1.30 (33)
or Karbate
300
6.40 (162) 3.00 (76) 5.30 (134) 2.40 (60) 4.60 (116) 2.10 (53) 4.00 (101) 1.80 (45) 3.60 (91)
1.70 (43) 3.20 (81) 1.50 (38)
Stainless
400
6.90 (175) 3.50 (88) 5.70 (144) 2.80 (71) 4.90 (124) 2.40 (60) 4.30 (109) 2.10 (53) 3.80 (96)
1.90 (48) 3.40 (86) 1.70 (43)
Steel
500
——
6.10 (154) 3.20 (81) 5.20 (132) 2.80 (71) 4.60 (116) 2.40 (60) 4.10 (104) 2.20 (55) 3.70 (93) 2.00 (50)
STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY
Electrical Connections
TYPE 4X/7/9, Group B: 1" NPT
NEMA 1 Pneumatic: 14" NPT
Note: All levels ±0.25" (6).
*See page 21 for PROOF-ER and/or floating rooftop switch dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com