Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B40-1F30-FKB Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 2Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 8Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2.4
Wiring
Caution: Level controls are shipped from the factory with the enclosing
tube tightened and the middle set screw, on the housing
base, locked to the enclosing tube. Failure to loosen the set
screw prior to repositioning the conduit connection may
cause the enclosing tube to loosen, resulting in the possible
leakage of the process liquid or vapor.
Most B40 level control switch housings are designed to
allow 360° positioning of the conduit outlet by loosening
the set screw(s) located under the housing base. High
temperature wire must be used between control and first
junction box located in a cooler area.
NOTE: A switch or circuit breaker shall be installed in close proximity
to equipment and within easy reach of operator. It shall be
marked as the disconnecting device for equipment.
1. To gain access to switch mechanism, remove switch
housing cover.
2. Pull in supply wires (conductors), wrap them around
enclosing tube under the baffle plate and connect to
proper terminals. Be certain that excess wire does not
interfere with tilt of switch, and that adequate clearance
exists for replacement of switch housing cover.
NOTE: For supply connections in installations with ambient tempera-
ture up to +70° C, use wire with a minimum rating of +75° C as
required by process conditions. Installations with ambient
temperatures up to +80° C require wire with a minimum rating
of +85° C as required by process conditions. Use a minimum of
14 AWG wire for power and ground field wires.
NOTE: See Figure 4 or bulletin on switch mechanism furnished for
proper terminal connections. Switch bulletin numbers are
listed in the chart below.
3. Connect power supply to control and test switch action
by varying liquid level in float chamber. If switch
mechanism fails to function, check vertical alignment
of control and consult installation instructions in switch
mechanism bulletin.
6
46-602 B40 Liquid Level Switches
Internal Circuit
(Right) Switch
1
2
3
Load
Load
Close on low level
Common
Close on high level
Line
4
5
6
Internal Circuit
(Left) Switch
Load
Load
Close on low level
Common
Close on high level
Line
Figure 4
Switch
Series
Letter
Description
Bulletin
No.
A
Standard Mercury Switch
42-683
3, L
Mercury Switch w/Beaded Leads
C, D, S
Dry Contact Switch
2, E, L
Vibration Resistant Mercury Switch
F
Hermetically Sealed Snap Switch
HS
Hermetically Sealed Snap Switch
42-694
R
High Temperature Snap Switch
42-799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com