Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM71004 Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # WM71004
Description  4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM71004 Datasheet(HTML) 3 Page - Ramtron International Corporation

  WM71004 Datasheet HTML 1Page - Ramtron International Corporation WM71004 Datasheet HTML 2Page - Ramtron International Corporation WM71004 Datasheet HTML 3Page - Ramtron International Corporation WM71004 Datasheet HTML 4Page - Ramtron International Corporation WM71004 Datasheet HTML 5Page - Ramtron International Corporation WM71004 Datasheet HTML 6Page - Ramtron International Corporation WM71004 Datasheet HTML 7Page - Ramtron International Corporation WM71004 Datasheet HTML 8Page - Ramtron International Corporation WM71004 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
WM710xx – Secure F-RAM with Gen-2 RFID
Rev. 1.4
May 2011
Page 3 of 24
FUNCTIONAL DESCRIPTION
The WM710xx is a non-volatile memory device with an industry standard UHF RFID interface that enables
processing data in and out of memory as a generic passive RFID transponder. Unlike other transponder ICs,
the WM710xx transponder IC contains high density symmetric read/write F-RAM memory that enables unique
applications of an RFID solution.
When combined with an appropriate antenna design, WM710xx will power up with energy harvested directly
from the RF field. Following an internally generated reset state, the IC configures itself according to pre-
programmed configuration settings that were stored in F-RAM non-volatile memory at wafer probe, packaged
parts test, or end unit transponder personalization at end-user depot. Configuration settings are read out of
memory and applied prior to enabling data transmission in or out of memory.
As specified in the Gen2 standard, the chip receives and processes commands transmitted by the RFID
interrogator (reader).
All required and most optional commands are supported.
In addition to these,
WM710xx supports a number of custom commands that take advantage of F-RAM‟s unique ultra low power
and symmetrical characteristics.
Referring to Figure 2, the transponder IC‟s consist of an RFID interface, control and authentication logic, F-
RAM memory, and power management unit. The external antenna is connected directly to the RFID interface
where the RF signal is rectified with high efficiency Schottky diode based rectifier. The rectified voltage is
multiplied up within the Schottky array and then regulated to supply power to on-chip resources.
Also included in the RFID Interface is a modulator/demodulator that detects incoming signals and modulates
the input impedance to enable backscattering of returned signals.
The control and authentication logic
processes commands to enable access in and out of F-RAM memory.
Figure 2. Block Diagram
Power
Management
RFID
Interface
Control and
Authentication
Logic
F-RAM Array
(16Kb)
External
MCU
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com