Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S10VB60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S10VB60
Description  Bridge Diode(600V 10A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S10VB60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S10VB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S10VB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S10VB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S10VB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S10VB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
600V 10A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Bridge Diode
OUTLINE DIMENSIONS
RATINGS
Square In-line Package
SHINDENGEN
Unit : mm
Case : S10VB
S10VB60
● Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Ta=40℃
With heatsink θfa=2.4℃/W
10A
50Hz sine wave, R-load, Ta=40℃
Without heatsink
3.7
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
200
A
Current Squared Time
I
2t
1ms≦t<10ms Tc=25℃
110A
2
Dielectric Strength
Vdis Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR (Recommended torque : 0.5N・m)
0.8
N・m
● Electrical Characteristics (Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A,
Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Thermal Resistance
θjl
junction to lead  
Max.2.8 ℃/W


Similar Part No. - S10VB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S10VB60 SHINDENGEN-S10VB60 Datasheet
158Kb / 1P
SEMICONDUCTOR
S10VB60 SHINDENGEN-S10VB60_17 Datasheet
412Kb / 4P
Square In-line Package
More results

Similar Description - S10VB60

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RBV-4102 SANKEN-RBV-4102 Datasheet
23Kb / 1P
200V 10A Bridge Diode
logo
Shindengen Electric Mfg...
S10VB20 SHINDENGEN-S10VB20 Datasheet
261Kb / 5P
Bridge Diode(200V 10A)
S10VT60 SHINDENGEN-S10VT60 Datasheet
273Kb / 5P
3 Phase Bridge Diode(600V 10A)
S10VTA60 SHINDENGEN-S10VTA60 Datasheet
267Kb / 5P
3 Phase Bridge Diode(600V 10A)
S10WB20 SHINDENGEN-S10WB20 Datasheet
282Kb / 6P
Bridge Diode(200V 10A)
S10WB60 SHINDENGEN-S10WB60 Datasheet
282Kb / 6P
Bridge Diode(600V 10A)
S3WB60 SHINDENGEN-S3WB60 Datasheet
267Kb / 5P
Bridge Diode(600V 2.3A)
logo
Shenzhen Winsemi Microe...
WDP10S60 WINSEMI-WDP10S60 Datasheet
785Kb / 4P
10A,600V Ultrafast Single Diode
logo
Renesas Technology Corp
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ_15 Datasheet
80Kb / 4P
600V - 10A - Diode SiC Schottky Barrier Diode
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ Datasheet
169Kb / 4P
600V - 10A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com