Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S15VB60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S15VB60
Description  Bridge Diode(600V 15A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S15VB60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S15VB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S15VB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S15VB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S15VB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S15VB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
600V 15A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Bridge Diode
OUTLINE DIMENSIONS
RATINGS
Square In-line Package
SHINDENGEN
Unit : mm
Case : S15VB
S15VB60
● Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load
With heatsink, Tc=83℃
15A
50Hz sine wave, R-load
Without heatsink, Ta=40℃
4.5
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
200
A
Current Squared Time
I
2t
2ms≦t<10ms Tc=25℃
200
A
2s
Dielectric Strength
Vdis Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR (Recommended torque : 1N・m)
2N・m
● Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=7.5A,
Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Thermal Resistance
θjc junction to case  
Max.2.3 ℃/W


Similar Part No. - S15VB60

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S15VB60 LRC-S15VB60 Datasheet
71Kb / 2P
15A BRIDGE RECTIFIERS
S15VB60 LRC-S15VB60 Datasheet
45Kb / 2P
High Current Glass Passivated Single-Phase Bridge Rectifier
logo
EIC discrete Semiconduc...
S15VB60 EIC-S15VB60 Datasheet
56Kb / 2P
SILICON BRIDGE RECTIFIER
S15VB60 EIC-S15VB60 Datasheet
50Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Shindengen Electric Mfg...
S15VB60 SHINDENGEN-S15VB60 Datasheet
158Kb / 1P
SEMICONDUCTOR
More results

Similar Description - S15VB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15VB20 SHINDENGEN-S15VB20 Datasheet
262Kb / 5P
Bridge Diode(200V 15A)
S15VT60 SHINDENGEN-S15VT60 Datasheet
271Kb / 5P
3 Phase Bridge Diode(600V 15A)
S15VTA60 SHINDENGEN-S15VTA60 Datasheet
272Kb / 5P
3 Phase Bridge Diode(600V 15A)
S15WB20 SHINDENGEN-S15WB20 Datasheet
310Kb / 6P
Bridge Diode(200V 15A)
S15WB60 SHINDENGEN-S15WB60 Datasheet
310Kb / 6P
Bridge Diode(600V 15A)
logo
Fairchild Semiconductor
ISL9K1560G3 FAIRCHILD-ISL9K1560G3 Datasheet
146Kb / 6P
15A, 600V Stealth??Dual Diode
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
167Kb / 6P
15A, 600V Stealth??Diode
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
15A, 600V Stealth??Diode
RUR1S1560S FAIRCHILD-RUR1S1560S Datasheet
112Kb / 5P
15A, 600V Ultrafast Diode
ISL9R1560PF2 FAIRCHILD-ISL9R1560PF2 Datasheet
138Kb / 6P
15A, 600V Stealth Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com