Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2VB20 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # S2VB20
Description  Bridge Diode(200V 2A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S2VB20 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  S2VB20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S2VB20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S2VB20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S2VB20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S2VB20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
3.5
S2VBx
Forward Power Dissipation
SIN
Average Rectified Forward Current IO [A]
Tj = 150
°C
Sine wave



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com