Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC74LCX646 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74LCX646
Description  LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX646 Datasheet(HTML) 5 Page - Motorola, Inc

  MC74LCX646 Datasheet HTML 1Page - Motorola, Inc MC74LCX646 Datasheet HTML 2Page - Motorola, Inc MC74LCX646 Datasheet HTML 3Page - Motorola, Inc MC74LCX646 Datasheet HTML 4Page - Motorola, Inc MC74LCX646 Datasheet HTML 5Page - Motorola, Inc MC74LCX646 Datasheet HTML 6Page - Motorola, Inc MC74LCX646 Datasheet HTML 7Page - Motorola, Inc MC74LCX646 Datasheet HTML 8Page - Motorola, Inc MC74LCX646 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74LCX646
LCX DATA
BR1339 — REV 3
5
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
II
Input Leakage Current
2.7V
≤ VCC ≤ 3.6V; 0V ≤ VI ≤ 5.5V
±5.0
µA
IOZ
3–State Output Current
2.7
≤ VCC ≤ 3.6V; 0V ≤ VO ≤ 5.5V;
VI = VIH or V IL
±5.0
µA
IOFF
Power–Off Leakage Current
VCC = 0V; VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.7
≤ VCC ≤ 3.6V; VI = GND or VCC
10
µA
2.7
≤ VCC ≤ 3.6V; 3.6 ≤ VI or VO ≤ 5.5V
±10
µA
∆ICC
Increase in ICC per Input
2.7
≤ VCC ≤ 3.6V; VIH = VCC – 0.6V
500
µA
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Unit
fmax
Clock Pulse Frequency
3
150
MHz
tPLH
tPHL
Propagation Delay
Input to Output
1
1.5
1.5
7.0
7.0
1.5
1.5
8.0
8.0
ns
tPLH
tPHL
Propagation Delay
Clock to Output
3
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
ns
tPLH
tPHL
Propagation Delay
Select to Output
1
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
ns
ts
Setup Time, HIGH or LOW Data to Clock
3
2.5
2.5
ns
th
Hold Time, HIGH or LOW Data to Clock
3
1.5
1.5
ns
tw
Clock Pulse Width, HIGH or LOW
3
3.3
3.3
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 3.)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
4. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the LOW state.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com