Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SF30SC4 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF30SC4
Description  Schottky Rectifiers (SBD) (40V 30A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF30SC4 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF30SC4 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF30SC4 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF30SC4 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF30SC4 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF30SC4 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF30SC4 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF30SC4 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF30SC4 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd SF30SC4 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SF30SC4
40V 30A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : FTO-220
Tj150℃
PRRSM avalanche guaranteed
Fully Isolated Molding
High capacity with Small Package
Dielectric strength 2kV guaranteed
Switching power supply
DC/DC converter
Home Appliances, Office Equipment
Telecommunication
APPLICATION
FEATURES
Dual
Schottky Rectifiers (SBD)
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=102℃
30
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
300
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Rating of per diode, Tj=25℃
1000
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
(Recommended torque:0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=15A,
Pulse measurement, Rating of per diode
Max.0.55
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
mA
Junction Capacitance
Cj
f=1MHz,
V R=10V,
Rating of per diode
Typ.590
pF
Thermal Resistance
θjc
junction to case
Max.2.0
℃/W


Similar Part No. - SF30SC4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF30SC3L SHINDENGEN-SF30SC3L Datasheet
597Kb / 10P
Schottky Rectifiers (SBD) (30V 30A)
SF30SC6 SHINDENGEN-SF30SC6 Datasheet
560Kb / 10P
Schottky Rectifiers (SBD) (60V 30A)
More results

Similar Description - SF30SC4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
D30SC4M SHINDENGEN-D30SC4M Datasheet
589Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
DF30PC3M SHINDENGEN-DF30PC3M Datasheet
546Kb / 8P
Schottky Rectifiers (SBD) (30V 30A)
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S30SC4M SHINDENGEN-S30SC4M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S60SC4M SHINDENGEN-S60SC4M Datasheet
643Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
SF30SC3L SHINDENGEN-SF30SC3L Datasheet
597Kb / 10P
Schottky Rectifiers (SBD) (30V 30A)
SF30SC6 SHINDENGEN-SF30SC6 Datasheet
560Kb / 10P
Schottky Rectifiers (SBD) (60V 30A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com