Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BDW73 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDW73
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW73 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDW73 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW73 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BDW73/A/B/C/D
DESCRIPTION
·Collector Current -IC= 8A
·High DC Current Gain-hFE= 750(Min.)@ IC= 3A
·Complement to Type BDW74/A/B/C/D
APPLICATIONS
·Designed for audio output stages and general amplifier
and switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDW73
45
BDW73A
60
BDW73B
80
BDW73C
100
VCBO
Collector-Base
Voltage
BDW73D
120
V
BDW73
45
BDW73A
60
BDW73B
80
BDW73C
100
VCEO
Collector-Emitter
Voltage
BDW73D
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
8
A
IB
B
Base Current-Continuous
0.3
A
Collector Power Dissipation
@ Ta=25℃
2
PC
Collector Power Dissipation
@ TC=25℃
80
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.56
℃/W
Rth j-c
Thermal Resistance, Junction to Case
62.5
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDW73

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW73 POINN-BDW73 Datasheet
111Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDW73 NJSEMI-BDW73 Datasheet
141Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Power Innovations Ltd
BDW73A POINN-BDW73A Datasheet
111Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDW73A NJSEMI-BDW73A Datasheet
141Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Power Innovations Ltd
BDW73B POINN-BDW73B Datasheet
111Kb / 6P
NPN SILICON POWER DARLINGTONS
More results

Similar Description - BDW73

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com