Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUH515 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUH515
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUH515 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUH515 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUH515 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUH515 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUH515
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; IB=0
700
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10mA; IC=0
10
V
VCEsat
Collector-emitter saturation voltage
IC=5A ;IB=1.25A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=5A ;IB=1.25A
1.3
V
ICES
Collector cut-off current
VCE=1500V; VBE=0
Tj=125℃
0.2
2
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
μA
hFE
DC current gain
IC=5A ; VCE=5V
6
12
Switching times
ts
Storage time
2.7
3.9
μs
tf
Fall time
IC=5A;IB1=1.25A;IB2=2.5A;
VCC=400V
190
280
ns
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance from junction to case
2.5
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com