Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC847C Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BC847C
Description  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC847C Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BC847C Datasheet HTML 1Page - Siemens Semiconductor Group BC847C Datasheet HTML 2Page - Siemens Semiconductor Group BC847C Datasheet HTML 3Page - Siemens Semiconductor Group BC847C Datasheet HTML 4Page - Siemens Semiconductor Group BC847C Datasheet HTML 5Page - Siemens Semiconductor Group BC847C Datasheet HTML 6Page - Siemens Semiconductor Group BC847C Datasheet HTML 7Page - Siemens Semiconductor Group BC847C Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BC 846 ... BC 850
Semiconductor Group
7
h parameter he = f (IC) normalized
VCE = 5 V
Noise figure F = f (VCE)
IC = 0.2 mA, RS = 2 k
Ω, f = 1 kHz
h parameter he = f (VCE) normalized
IC =2mA
Noise figure F = f (f)
IC = 0.2 mA, VCE = 5 V, RS = 2 k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com