Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST2 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST2
Description  ST2 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST2 Datasheet(HTML) 1 Page - E-SWITCH

  ST2 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES:
• Heavy Duty Rating with UL Approvals
• Many Functions Available
• Tab, Screw, and Solder Terminal Options
• Rubber Boot for Water and Dust Protection
SPECIFICATIONS:
RATING: MAINTAINED SWITCHES:
20A 125VAC [cULus]
15A 250VAC [cULus]
2HP 125-250VAC [cULus]
MOMENTARY SWITCHES:
20A 125VAC [cULus]
15A 250VAC [cULus]
1.5HP 125-250VAC [cULus]
TEMPERATURE: -20°C to 85°C
ELECTRICAL LIFE: 6,000 Cycles
CONTACT RESISTANCE: 50m
 Max.
INSULATION RESISTANCE: 800M
 Min. at 500VDC
DIELECTRIC STRENGTH: 1,500VAC for 1 Minute
MATERIALS:
BODY: Phenolic, UL94 V-0
ACTUATOR: Nickel Plated Brass
BUSHING: Nickel Plated Brass
HOUSING: Stainless Steel
CONTACTS: Silver Alloy
TERMINALS: Silver Plated Brass
ST24Z02D00
Actuator
Bushing
Series
Terminal
Function
Rating
Type
Type
ST2
1 - 4.8mm Tabs
2 Pole:
D - 20A 125VAC
0 - Standard Bat
0 - M12x1.0
2 - Solder
2 - Off-On
2 - 15/32"-32UNS
4 - 6.3mm Tabs
G - On-On
6 - Screw
E - Off-(On)
6 - On-Off-On
Variable Length:
J - On-Off-(On)
Wx - Wire Leads
K - (On)-Off-(On)
(x in Inches)
Note:
Terminal bridging options available. See "Z02" function for polarity reversal in example photo.
ST2 Series
Rear
Panel Mount
Heavy
Duty
Water
Protection
High
Amperage
EXAMPLE PART NUMBERS:
ST242D00
2P Off-On
Standard Actuator/Bushing, 0.250" QC
ST246D00
2P On-Off-On
Standard Actuator/Bushing, 0.250" QC
ST226D00
ACC-B03-2
ACC-M01-3
Accessories Series
Type
Options
ACC
Rubber Boot:
Colors for Boot:
B03 - For Standard Bat
2 - Black
Marking Plates:
Colors for Marking Plates:
M01 - ON/Off
3 - Black, Red, and Silver
Hardware:
Threading:
N02 - Knurled Nut
3 - 15/32"-32UNS
5 - M12x1.0
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
25
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES
A Switch Manufacturer


Similar Part No. - ST2

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST2 MICRONETICS-ST2 Datasheet
90Kb / 2P
Legacy 10 kHz to 3000 MHz
logo
Switchcraft, Inc.
ST2 SWITCH-ST2 Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
logo
Eravant
ST2-011063N10-SF-S1 ERAVANT-ST2-011063N10-SF-S1 Datasheet
224Kb / 3P
SMA Coaxial White Gaussian Noise Generator, 0.01 to 6 GHz
Rev 1.0
logo
Superworld Electronics
ST2-10 SUPERWORLD-ST2-10 Datasheet
110Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST2-10B41 PULSE-ST2-10B41 Datasheet
159Kb / 1P
Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
More results

Similar Description - ST2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com