Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP34DB01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MP34DB01
Description  MEMS audio sensor omnidirectional digital microphone
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DB01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MP34DB01 Datasheet HTML 7Page - STMicroelectronics MP34DB01 Datasheet HTML 8Page - STMicroelectronics MP34DB01 Datasheet HTML 9Page - STMicroelectronics MP34DB01 Datasheet HTML 10Page - STMicroelectronics MP34DB01 Datasheet HTML 11Page - STMicroelectronics MP34DB01 Datasheet HTML 12Page - STMicroelectronics MP34DB01 Datasheet HTML 13Page - STMicroelectronics MP34DB01 Datasheet HTML 14Page - STMicroelectronics MP34DB01 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
MP34DB01
12/15
Doc ID 17924 Rev 5
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Soldering information
The RHLGA (3 x 4 x 1) mm package is also compliant with the RoHS and “Green” standards
and is qualified for soldering heat resistance according to JEDEC J-STD-020.
Landing pattern and soldering recommendations are available at www.st.com.
Figure 6.
Recommended soldering profile limits
Table 9.
Recommended soldering profile limits
Description
Parameter
Pb free
Average ramp rate
TL to TP
3 °C/sec max
Preheat
Minimum temperature
Maximum temperature
Time (TSMIN to TSMAX)
TSMIN
TSMAX
tS
150 °C
200 °C
60 sec to 120 sec
Ramp-up rate
TSMAX to TL
Time maintained above liquidous temperature
Liquidous temperature
tL
TL
60 sec to 150 sec
217 °C
Peak temperature
TP
260 °C max
Time within 5 °C of actual peak temperature
20 sec to 40 sec
Ramp-down rate
6 °C/sec max
Time 25 °C (t25 °C) to peak temperature
8 minutes max
T25°C to PEAK
RAMP-DOWN
RAMP-UP
ts
PREHEAT
t
L
t
p
CRITICAL ZONE
T
L to T P
T
SMAX
T
SMIN
TIME
T
P
T
L
30
60
90
120
150
180
210
240
270
300
330
360
390
AM045166v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com