Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD2142 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SD2142
Description  TRANSISOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SD2142 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SD2142 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSISOR (NPN)
FEATURES
 Darlington Connection for a High hFE
 High Input Impedance
MARKING: R1M
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
32
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current
300
mA
PC
Collector Power Dissipation
200
mW
RΘJA
Thermal Resistance From Junction To Ambient
625
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
12
V
Collector cut-off current
ICBO
VCB=30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=12V, IC=0
0.1
µA
DC current gain
hFE
VCE=3V, IC=100mA
5000
Collector-emitter saturation voltage
VCE(sat)
IC=200mA, IB=0.2mA
1.4
V
Transition frequency
fT
VCE=5V,IC=10mA, f=100MHz
200
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
2.5
pF
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
1 
www.htsemi.com
semiconductor
JinYu
2SD2142


Similar Part No. - 2SD2142

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142 Datasheet
335Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SD2142 BILIN-2SD2142 Datasheet
159Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Shenzhen Luguang Electr...
2SD2142 LUGUANG-2SD2142 Datasheet
1Mb / 2P
Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SD2142

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3585 NEC-2SC3585 Datasheet
103Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
International Rectifier
IRG4BC40F IRF-IRG4BC40F Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
logo
Isahaya Electronics Cor...
2SC5211 ISAHAYA-2SC5211 Datasheet
60Kb / 3P
SILICON NPN TRANSISOR
logo
International Rectifier
IRG4P254S IRF-IRG4P254S Datasheet
134Kb / 8P
INSULATED GATE BIPOLAR TRANSISOR
logo
M/A-COM Technology Solu...
PH1090-15L MA-COM-PH1090-15L Datasheet
150Kb / 4P
Avionics Pulsed Power Transisor 15W, 1030 - 1090MHz
logo
Shenzhen Jin Yu Semicon...
2SC2411 HTSEMI-2SC2411 Datasheet
648Kb / 2P
TRANSISOR(NPN)
2SD2413 HTSEMI-2SD2413 Datasheet
585Kb / 2P
TRANSISOR (NPN)
logo
Renesas Technology Corp
2SC3585 RENESAS-2SC3585 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
2SC3585 RENESAS-2SC3585_15 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
Texas Instruments
ULN2004AI TI1-ULN2004AI_14 Datasheet
927Kb / 17P
HIGH-VOLTAGE HIGH CURRENT DARLINTON TRANSISOR ARRAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com