Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BFQ29P Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BFQ29P
Description  NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ29P Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button BFQ29P Datasheet HTML 2Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 3Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 4Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 5Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 6Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 7Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 8Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 9Page - Siemens Semiconductor Group BFQ29P Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BFQ 29P
BFQ 29P
Common Emitter S Parameters (continued)
fS11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.2
0.3
0.5
0.8
1.0
1.2
1.5
1.8
2.0
0.80
0.69
0.57
0.46
0.35
0.34
0.34
0.34
0.36
0.37
– 31
– 66
– 84
– 118
– 152
– 167
– 180
164
148
139
13.96
11.55
8.56
6.06
4.00
3.25
2.74
2.28
1.94
1.80
147
129
119
102
85
77
71
61
54
49
0.03
0.05
0.06
0.08
0.10
0.12
0.13
0.16
0.19
0.20
72
60
55
53
55
57
58
59
60
60
0.89
0.76
0.68
0.54
0.46
0.45
0.43
0.42
0.41
0.39
– 13
– 28
– 31
– 34
– 33
– 35
– 36
– 39
– 44
– 44
IC = 5 mA, VCE = 6 V, Z0 = 50
S11, S22 = f (f)
IC = 5 mA, VCE = 6 V, Z0 = 50
S12, S21 = f (f)
IC = 5 mA, VCE = 6 V, Z0 = 50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com