Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BFR92W Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BFR92W
Description  NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR92W Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BFR92W Datasheet HTML 1Page - Siemens Semiconductor Group BFR92W Datasheet HTML 2Page - Siemens Semiconductor Group BFR92W Datasheet HTML 3Page - Siemens Semiconductor Group BFR92W Datasheet HTML 4Page - Siemens Semiconductor Group BFR92W Datasheet HTML 5Page - Siemens Semiconductor Group BFR92W Datasheet HTML 6Page - Siemens Semiconductor Group BFR92W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-10-1996
BFR 92W
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
4
8
12
16
V
22
V
R
0.3
0.4
0.5
0.6
0.7
pF
0.9
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
5
10
15
20
25
mA
35
I
C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
GHz
6.0
f
T
10V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
20
25
mA
35
I
C
-6
-4
-2
0
2
4
6
8
10
12
14
dB
18
G
10V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
20
25
mA
35
I
C
-6
-4
-2
0
2
4
6
8
dB
12
G
10V
5V
3V
2V
1V
0.7V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com