Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC808 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC808
Description  -0.8A , -30V PNP Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC808 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC808 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC808 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC808 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC808
-0.8A , -30V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Suitable for AF-Driver stages and low power output stages
Complementary to BC818
CLASSIFICATION OF hFE(1)
Product-Rank
BC808-16
BC808-25
BC808-40
Range
100~250
160~400
250~630
Marking Code
5E
5F
5G
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCEO
-25
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-800
mA
Collector Power Dissipation
PC
300
mW
Junction, Storage Temperature
TJ, TSTG
150, -65 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-30
-
-
V
IC= -100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-25
-
-
V
IC= -10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µ
A
VCB= -25V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µ
A
VEB= -4V, IC=0
DC Current Gain
hFE (1)
100
-
630
VCE= -1V, IC= -100mA
hFE (2)
60
-
-
VCE= -1V, IC= -300mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.7
V
IC= -500mA, IB= -50mA
Base to Emitter Saturation Voltage
VBE
-
-
-1.2
V
VCE= -1V, IC= -300mA
Transition Frequency
fT
-
100
-
MHz
VCE= -5V, IC= -10mA, f=50MHZ
Collector output capacitance
Cob
-
12
-
pF
VCB= -10V, IE=0, f=1MHZ
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - BC808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
Switching and Amplifier Applications
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
Small Signal Transistors (PNP)
logo
AUK corp
BC808 AUK-BC808 Datasheet
82Kb / 3P
PNP Silicon Transistor (High current application Switching application)
logo
Infineon Technologies A...
BC808 INFINEON-BC808 Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC808 DIOTEC-BC808 Datasheet
175Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC808

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SA965TM SECOS-2SA965TM Datasheet
84Kb / 1P
-0.8A , -120V PNP Plastic Encapsulated Transistor
2SC2235TM SECOS-2SC2235TM Datasheet
752Kb / 2P
0.8A , 120V NPN Plastic Encapsulated Transistor
KSA928ATL SECOS-KSA928ATL Datasheet
242Kb / 2P
-2A , -30V PNP Plastic Encapsulated Transistor
KTC3265 SECOS-KTC3265 Datasheet
226Kb / 2P
0.8A , 35V NPN Plastic Encapsulated Transistor
3DD13002 SECOS-3DD13002 Datasheet
297Kb / 2P
0.8A, 600V NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com