Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D4KB05 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D4KB05
Description  Voltage 50V ~ 1000V 4.0Amp Glass Passivited Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D4KB05 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D4KB05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D4KB05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D4KB05 ~ D4KB10
Voltage 50V ~ 1000V
4.0Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
2-Jun-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated chip junction
High case dielectric strength
High surge current capability
ldeal for printed circuit boar
MECHANICAL DATA
Case: UL-94 Class V-0 recognized Flane
Retardant Epoxy
Terminals: Plated leads solderable per
MIL-STD-202E, Method 208C
Polarity: Polarity symbol marked on body
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
D4K
B05
D4K
B1
D4K
B2
D4K
B4
D4K
B6
D4K
B8
D4K
B10
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA=138°C
(with heatsink)
I(AV)
4.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
125
A
Maximum Forward Voltage Drop Per Bridge
Element at 4.0A Peak
VF
1.1
V
I
2 t Rating for Fusing (t<8.3ms)
I
2 t
64.84
A
2s
Maximum Reverse Current at
Rated DC Blocking Voltage per
Element
TA=25°C
IR
10
µA
TA=125°C
500
µA
Typical Thermal Resistance
RθJA
55
°C / W
RθJC
1.5
RθJL
15
Operating and Storage temperature range
TJ, TSTG
-55~150
°C
D3K
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
13.5
14.1
J
3.51
4.11
B
10.5
11.1
K
0.66
0.86
C
11.7
12.3
L
2.4
2.8
D
1.45 TYP.
M
1.0
1.4
E
1.2
1.4
N
3.1
3.4
F
11.7
12.3
O
0.6 TYP.
G
6.4
7.0
P
1.8
2.4
H
1.1
1.5
Q
0.4
0.6
I
1.05
1.25
R
2.9
3.3


Similar Part No. - D4KB05

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
D4KB05 GWSEMI-D4KB05 Datasheet
71Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Jiangsu High diode Semi...
D4KB05 HDSEMI-D4KB05 Datasheet
1Mb / 3P
D3K Plastic-Encapsulate Bridge Rectifier
logo
Bytesonic Electronics C...
D4KB05 BYTESONIC-D4KB05 Datasheet
139Kb / 2P
GLASSPASSIVATED BRIDGE
Version 1.1 2013/9/28
logo
Zibo Seno Electronic En...
D4KB05 ZSELEC-D4KB05 Datasheet
117Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
More results

Similar Description - D4KB05

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU6005 SECOS-GBU6005_11 Datasheet
963Kb / 2P
Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
GBU10005 SECOS-GBU10005 Datasheet
704Kb / 2P
Voltage 50V ~ 1000V 10.0Amp Glass Passivited Bridge Rectifiers
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
KBU8005G SECOS-KBU8005G Datasheet
894Kb / 2P
Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
S4GBU20 SECOS-S4GBU20_15 Datasheet
232Kb / 2P
4.0Amp Glass Passivited Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C Datasheet
232Kb / 2P
4.0Amp Glass Passivited Bridge Rectifiers
D4UB05 SECOS-D4UB05 Datasheet
188Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
GBU4005 SECOS-GBU4005 Datasheet
248Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
KBJ4005 SECOS-KBJ4005 Datasheet
201Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C_18 Datasheet
234Kb / 2P
4.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com