Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBT619 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT619
Description  2A , 50V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT619 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT619 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT619 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT619
2A , 50V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
20-Feb-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
50
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
1
V(BR)CEO
50
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
100
nA
VCB=40V, IE=0
Emitter Cut-Off Current
IEBO
-
-
100
nA
VEB=4V, IC=0
DC Current Gain
2
hFE
200
-
-
VCE=2V, IC=10mA
300
-
-
VCE=2V, IC=200mA
200
-
-
VCE=2V, IC=1A
100
-
-
VCE=2V, IC=2A
-
40
-
VCE=2V, IC=6A
Collector to Emitter Saturation Voltage
1
VCE(sat)
-
-
20
mV
IC=100mA, IB=10mA
-
-
200
IC=1A, IB=10mA
-
-
220
IC=2A, IB=50mA
Base to Emitter Saturation Voltage
1
VBE(sat)
-
-
1
V
IC=2A, IB=50mA
Base to Emitter On Voltage
1
VBE(on)
-
-
1
V
IC=2A, VCE=2V
Collector output capacitance
Cob
-
-
20
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
-
170
-
ns
VCC=10V, IC=1A, IB1= -IB2=10mA
Turn-Off Time
t(off)
-
750
-
ns
Transition Frequency
fT
100
-
-
MHz
VCE=10V, IC=50mA, f=100MHz
Note:
1.
Pulse width≦300µs, duty cycle≦2.0%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com