Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS230D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS230D
Description  0.2A , 30V Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS230D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS230D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS230D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS230D
0.2A , 30V
Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
27-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
PN Junction Guard Ring for Transient and ESD Protection
Fast Switching
Low Turn-on Voltage
MECHANICAL DATE
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approx.)
Mounting Position: Any
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Maximum Reverse Voltage
VR
30
V
Peak Forward Surge Current@ t<1s
IFSM
600
mA
Maximum Forward Current (DC)
IF
200
mA
Junction, Storage Temperature
TJ, TSTG
125, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Reverse Voltage
V(BR)
30
-
-
V
IR=10µA
Maximum Instantaneous Forward Voltage
VF
-
-
0.24
V
IF=0.1mA
-
-
1
IF=100mA
Maximum Average Reverse Current
IR
-
-
2
µA
VR=25V
Reverse Recovery Time
TRR
-
-
5
nS
IF=IR=10mA,
IR(REC)=1mA
Total Capacitance
Ctot
-
-
10
pF
VR=1V, f= 1MHZ
Package
MPQ
Leader Size
SOT-23
3K
7 inch
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50
LD3 / KL4
Top View


Similar Part No. - SCS230D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS230D SECOS-SCS230D_15 Datasheet
103Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS230D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
103Kb / 3P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30810 Rev. 2 - 2
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Diode
SCS751LV-40 SECOS-SCS751LV-40 Datasheet
208Kb / 2P
30V , 30mA Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS520CS-30T5G WILLAS-SCS520CS-30T5G Datasheet
361Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
SCS521CS-30T5G WILLAS-SCS521CS-30T5G Datasheet
405Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130QRL WILLAS-WB0130QRL Datasheet
824Kb / 4P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_15 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
logo
SeCoS Halbleitertechnol...
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
0.2A, 30V Surface Mount Schottky Barrier Diode
SCS521DZ SECOS-SCS521DZ Datasheet
230Kb / 2P
0.1A , 30V Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com