Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STT4443 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT4443
Description  -2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT4443 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT4443 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT4443 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT4443 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT4443 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
STT4443
-2.3A , -30V , RDS(ON) 120 m
P-Channel Enhancement Mode MOSFET
02-Dec-2011 Rev. B
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250uA
Gate-Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250uA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
-
-
-1
VDS= -30V, VGS=0
Drain-Source Leakage Current
IDSS
-
-
-25
μA
VDS= -24V, VGS=0
-
-
120
VGS= -10V, ID= -2A
Drain-Source On-Resistance
2
RDS(ON)
-
-
170
mΩ
VGS= -4.5V, ID= -1A
Forward Transconductance
gfs
-
4
-
S
VDS= -5V, ID= -2A
Dynamic
Total Gate Charge
2
Qg
-
3
-
Gate-Source Charge
Qgs
-
0.78
-
Gate-Drain Charge
Qgd
-
1.6
-
nC
VDS= -25V,
VGS= -4.5V,
ID= -2A
Turn-on Delay Time
2
Td(on)
-
7
-
Rise Time
Tr
-
6
-
Turn-off Delay Time
Td(off)
-
15
-
Fall Time
Tf
-
7.5
-
nS
VDS= -15V,
VGS= -5V,
RG=3.3Ω,
RD=15Ω,
ID= -1A
Input Capacitance
Ciss
-
260
-
Output Capacitance
Coss
-
55
-
Reverse Transfer Capacitance
Crss
-
44
-
pF
VGS=0,
VDS= -25V,
f=1.0MHz
Reverse Transfer Capacitance
Rg
-
4.3
5
f=1.0MHz
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
-1.2
V
IS= -0.9A, VGS=0
Reverse Recovery Time
2
TRR
-
15
-
ns
Reverse Recovery Charge
QRR
-
7
-
nC
IS= -2A, VGS=0
dI/dt=100A/μs
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse test
3. Surface mounted on 1 in
2 copper pad of FR4 board, t≦5sec; 180°C/W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com