Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-45 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-45
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-45 Datasheet(HTML) 4 Page - CUI INC

  VOF-45 Datasheet HTML 1Page - CUI INC VOF-45 Datasheet HTML 2Page - CUI INC VOF-45 Datasheet HTML 3Page - CUI INC VOF-45 Datasheet HTML 4Page - CUI INC VOF-45 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-45 │ DESCRIPTION: AC-DC POWER SUPPLY
date
09/20/2011
│ page 4 of 5
MECHANICAL DRAWING
32.0 1.26
1.6 0.06
3.0 MAX
(LEAD)
B
3
1
4
3
2
LED
CN2
1
2
VADJ
CN1
94.01
43.21 1.70
51.0 2.01
3.70
102.0 4.02
3.5 (4 PLCS)
MOUNTING HOLE
CN1
1L
2
no pin
3N
CN2
1-Vo
2-Vo
3+Vo
4+Vo
tolerance:
±0.3mm unless otherwise specified



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com