Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEF12 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEF12
Description  Electronic fuse for 12 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEF12 Datasheet HTML 3Page - STMicroelectronics STEF12 Datasheet HTML 4Page - STMicroelectronics STEF12 Datasheet HTML 5Page - STMicroelectronics STEF12 Datasheet HTML 6Page - STMicroelectronics STEF12 Datasheet HTML 7Page - STMicroelectronics STEF12 Datasheet HTML 8Page - STMicroelectronics STEF12 Datasheet HTML 9Page - STMicroelectronics STEF12 Datasheet HTML 10Page - STMicroelectronics STEF12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STEF12
Electrical characteristics
Doc ID 019056 Rev 3
7/20
Vmin
Minimum operating voltage
7.6
V
Thermal latch
TSD
Shutdown temperature
(1)
165
°C
1.
Pulse test: Pulse width = 300 µs, Duty cycle = 2%
2.
Guaranteed by design, but not tested in production
Table 6.
Electrical characteristics for STEF12 (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com