Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTS2002 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 23Page - STMicroelectronics STTS2002_11 Datasheet HTML 24Page - STMicroelectronics STTS2002_11 Datasheet HTML 25Page - STMicroelectronics STTS2002_11 Datasheet HTML 26Page - STMicroelectronics STTS2002_11 Datasheet HTML 27Page - STMicroelectronics STTS2002_11 Datasheet HTML 28Page - STMicroelectronics STTS2002_11 Datasheet HTML 29Page - STMicroelectronics STTS2002_11 Datasheet HTML 30Page - STMicroelectronics STTS2002_11 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
STTS2002
Temperature sensor registers
Doc ID 15389 Rev 5
27/52
Note:
In all temperature register formats bits 0 and bits 1 are used when the resolution is more
than 10 bits. These registers show temperature data for the default 10 bits.
Table 18.
Critical temperature register format
Sign
MSB
LSB(1)
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit(2)
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit(3)
1
Bit(4)
0
000
Critical temperature trip point
00
1.
Bit 2 is LSB for default 10-bit mode.
2.
If critical trip lockout bit (bit 7 of configuration register in Table 9) is set, then this register becomes read-only.
3.
Depending on status of the resolution register, bit 1 may display 0.125 °C value.
4.
Depending on status of the resolution register, bit 0 may display 0.0625 °C value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com