Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL4148 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LL4148
Description  High-speed switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LL4148 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LL4148 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LL4148 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LL4148 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
IF=5mA
LL4448
VF
0.62
0.72
V
IF=10mA
LL4148
VF
0.86
1
V
Forward voltage
IF=100mA
LL4448
VF
0.93
1
V
VR=20V
IR
25
nA
VR=20V, Tj=150℃
IR
50
μ
A
Reverse current
VR=75V
IR
5
μ
A
Breakdown voltage
IR=100μA,tp/T=0.01,tp=0.3ms
V(BR)
100
V
Diode capacitance
VR=0, f=1MHz, VHF=50mV
CD
4
pF
Rectification efficiency
VHF=2V, f=100MHz
ηR
45
%
IF= IR=10mA, iR=1mA
trr
8
ns
Reverse recovery time
IF=10mA, VR=6V, iR=0.1×IR,
RL=100Ω
trr
4
ns
Characteristics (Tj=25℃ unless otherwise specified)
Figure 1. Forward current vs. forward voltage
Figure 2. Forward current vs. forward voltage
Forward voltage: VF(V)
Forward voltage: VF(V)
TIGER ELECTRONIC CO.,LTD
LL4148/LL4448



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com