Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM339D Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LM339D
Description  Low Power Low Offset Voltage Quad Comparators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM339D Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM339D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM339D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM339D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM339D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN DESCRIPTIONS
No
Description
Symbol
No
Description
Symbol
1
Output 2
OUT2
8
-Input3
IN3(-)
2
Output 1
OUT1
9
+Input3
IN3(+)
3
Supply Voltage
Vcc
10
-Input4
IN4(-)
4
-Input1
IN1(-)
11
+Input4
IN4(+)
5
+Input1
IN1(+)
12
Ground
GND
6
-Input2
IN2(-)
13
Output 4
OUT4
7
+Input2
IN2(+)
14
Output 3
OUT3
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Value
Unit
Supply Voltage
Vcc
36 or
±18
V
Differential Input Voltage
VIDR
36
V
Input Voltage
VICMR
-0.3~Vcc
V
Input Current
ISC
50
Power Dissipation(*)
PD
1.0
W
Operating Temperature Range
Tamb
-20~+85
℃
Storage Temperature Range
Tstg
-65~150
℃
Note(*)
:Powerdissipation reduces 8 mW/°C for using above Ta=25°C。
ELECTRICAL CHARACTERISTICS (Unless otherwise specified :Vcc=5V,Tamb=25℃)
Characteristics
Test conditions
Symbol
Mi
Typ.
Max
Unit
±2.0
±5.0
Input Offset Voltage
0℃
≤ Ta ≤ 70℃
VIO
±9.0
mV
±5.0
±50
Input Offset Current
0℃
≤ Ta ≤ 70℃
IIO
±150
nA
25
250
Input Bias Current
0℃
≤ Ta ≤ 70℃
IIB
400
nA
0
Vcc-1.5
Input
Common-mode
Voltage Range
0℃
≤ Ta ≤ 70℃
VICR
0
Vcc-2.0
V
RL=
∞
0.8
2.0
Supply Current
RL=
∞,Vcc=30V
Icc
1.0
2.5
mA
Voltage Gain
RL
≥ 15KΩ,Vcc=15V
Gv
50
200
V/mV
Large Signal Response
Time
VIN=TTL Logic Swing,VREF=1.4V,
VRL=5.0V, RL=5.1K
Ω
tRES
300
ns
Response Time
VRL=5.0V, RL=5.1K
Ω
tRES
1.3
ns
Input Differential Voltage
VID
Vcc
V
Output Sink Current
VIN(-)
≥ 1.0V,VIN(+)=0V,Vo ≤ 1.5V
ISINK
6.0
16
mA
VIN(-)
≥ 1.0V,VIN(+)=0V,ISINK ≤ 4.0mA
130
400
output saturation voltage
VIN(-)
≥ 1.0V,VIN(+)=0V,ISINK ≤
VSAT
700
mV
VIN(+)
≥ 1.0V,VIN(-)=0V,Vo=5.0V
0.1
Output Leakage Current
VIN(+)
≥ 1.0V,VIN(-)=0V,Vo=30V
0℃
≤ Ta ≤ 70℃
IOL
1000
nA
LM339N/D
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com