Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL431 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TL431
Description  TO-92 Encapsulate Adjustable Reference Source
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TL431 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TL431 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TL431 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Encapsulate Adjustable Reference Source
TL431 Adjustable Accurate Reference Source
FEATURES
The output voltage can be adjusted to 36V
Low dynamic output impedance ,its typical value is 0.2Ω
Trapping current capability is 1 to 100mA
The typical value of the equivalent temperature factor in the
whole temperature scope is 50 ppm/℃
The effective temperature compensation in the working
range of full temperature
Low output noise voltage
Fast on -state response
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
SYMBOL
VALUE
UNITS
Cathode Voltage
VKA
37
V
Cathode Current Range (Continuous)
IKA
-100-+150
mA
Reference lnput Current Range
Iref
0.05-+10
mA
Power Dissipation
PD
770
mW
Operating temperature
Topr
0-70
Storage temperature Range
Tstg
-65-+150℃
ELECTRICAL CHARACTERISTICS (Tamb=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Reference lnput Voltage
Vref
VKA=VREF, IKA=10mA
2.450
2.5
2.550
V
Deviation of reference input Voltage
Over temperature (note)
V
ref /T
VKA =VREF, IKA =10mA
Tmin≤Ta≤Tmax
4.5
17
mV
V
KA
=10V~VREF
-1.0
-2.7
m V/V
Ratio Of Change in Reference lnput
Voltage to the change in Cathode
Voltage
V
ref /V
KA
IKA=10mA
VKA
=36V~10V
-0.5
-2.0
m V/V
Reference lnput Current
lref
IKA= 10mA,R1=10KΩ
R2=∞
1.5
4
μA
Deviation Of Reference lnput Current
Over Full Temperature Range
l
ref /T
lKA=10mA, R1=10KΩ
R2=∞
TA=full Temperature
0.4
1.2
μA
Minimum cathode current for
regulation
IKA(min)
VKA=VREF
0.45
1.0
mA
Off-state cathode Current
IKA(OFF)
VKA=36V ,VREF=0
0.05
1.0
μA
Dynamic lmpedance
ZKA
VKA=VREF, lKA=1 to 100mA
f≤1.0KHz
0.15
0.5
Note:TMIN=0
,T
MAX=+70℃
CLASSIFICATION OF Vref
Rank
0.5%
1%
2%
Range
2.487-2.512
2.475-2.525
2.450-2.550
1 2 3
TO-92
1.REFERENCE
2.ANODE
3.CATHODE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CJ431K-HF COMCHIP-CJ431K-HF Datasheet
180Kb / 6P
Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
TO-92 Encapsulate Adjustable Reference Source
CJ431-TO92 ZPSEMI-CJ431-TO92 Datasheet
771Kb / 1P
TO-92 Encapsulate Adjustable Reference Source
CJ432-SOT23 ZPSEMI-CJ432-SOT23 Datasheet
823Kb / 2P
SOT-23 Encapsulate Adjustable Reference Source
CJ432-TO92 ZPSEMI-CJ432-TO92 Datasheet
887Kb / 2P
TO-92 Encapsulate Adjustable Reference Source
logo
GUANGDONG HOTTECH INDUS...
TL431 HOTTECH-TL431 Datasheet
257Kb / 2P
Plastic-Encapsulate Adjustable Reference Source
logo
Jiangsu Changjiang Elec...
CD431 JIANGSU-CD431 Datasheet
2Mb / 3P
SOT-23 Encapsulate Adjustable Reference Source
logo
Jiangsu High diode Semi...
TL431B HDSEMI-TL431B Datasheet
2Mb / 6P
SOT-23 Encapsulate Adjustable Reference Source
TL431-TO-92 HDSEMI-TL431-TO-92 Datasheet
2Mb / 5P
TO-92 Encapsulate Adjustable Reference Source
logo
SHENZHEN SLS TECHNOLOGY...
SLS431 SHENZHENSLS-SLS431 Datasheet
585Kb / 3P
Encapsulate Precision Adjustable Reference Source
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com