Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TYN625 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TYN625
Description  25A SCRs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TYN625 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TYN625 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220
A1 A2 G
Parameter
Symbol
Typ
Unit
Repetitive peak off-state
voltages
VDRM
VRRM
600
V
Average on-state current
IT(AV)
16
A
RMS on-state current
IT(RMS)
25
A
Non-repetitive peak
on-state current
ITSM
314
A
Max. Operating Junction
Temperature
Tj
110
oC
Storage Temperature
Tstg
-45~150
oC
TYN625
DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
VDRM
VRRM
600
—
—
V
Average on-state current
IT(AV)
half sine wave; Tmb< 103
oC
—
16
—
A
RMS on-state current
IT(RMS)
all conduction angles
—
25
—
A
On-state voltage
VTM
ITM=50A,tp=380μs
—
1.3
1.60
V
Holding current
IH
IT = 500 mA Gate open
—
—
50
mA
Latching current
IL
IG = 1.2 IGT
—
—
90
mA
Gate trigger current
IGT
VD =12 V; IT = 0.1 A
4.0
—
40
mA
Gate trigger voltage
VGT
VD =12 V; IT = 0.1 A
—
—
1.3
V
25A SCRs
Glass passivated thyristors in a plastic envelope, intended
for use in applications requiring high bidirectional blocking
voltage capability and high thermal cycling performance.
Typical applications include motor control, industrial and
domestic lighting, heating and static switching.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TYN625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN625 STMICROELECTRONICS-TYN625 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
logo
JIEJIE MICROELECTRONICS...
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
25A SCRs
logo
Inchange Semiconductor ...
TYN625 ISC-TYN625 Datasheet
248Kb / 1P
isc Thyristors
logo
JIEJIE MICROELECTRONICS...
TYN625I JIEJIE-TYN625I Datasheet
575Kb / 6P
25A SCRs
logo
STMicroelectronics
TYN625RG STMICROELECTRONICS-TYN625RG Datasheet
93Kb / 7P
25A SCRs
Apr-2002
More results

Similar Description - TYN625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TYNX25 STMICROELECTRONICS-TYNX25 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
logo
JIEJIE MICROELECTRONICS...
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
25A SCRs
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
Stansard SCRs, 25A
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
25A SCRs
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
25A SCRs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com