Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ES3 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES3
Description  LED Power Supply Card Edge Type Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES3 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  ES3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0221-1
2/5
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Ordering Information
Copper alloy / Sn plating
Contact-L
Copper alloy / Sn plating
Contact-R
White LCP
Insulator
Material / Finish
Component
ES3 B 002 W F 1 R****
Series
No. of Contacts
Modification Code
Reel Product (Note1)
Connection Area Plating
F: Sn plating
Features
No. of Contacts: 2 pos.
Contact Resistance: 60mΩ max. (initial)
Dielectric Withstanding Voltage: AC 500Vr.m.s (per minute)
Durability: 20 mating cycles
Board Insertion Force: 30N max.
Rated Current: 1A
Rated Voltage: AC, DC 200V
Insulation Resistance: 10MΩ min. (after test)
Operating Temperature: -40 to+105 Deg. C
Low-profile 1.6mm mounting height, designed with consideration for light shielding.
Insulator is made of white LCP for heat and light resistance.
Direct connection of converter board and LED mounting board allows for reduced
assembly work time.
Cable-less connection makes reduction in the number of parts possible.
SMT type, can be mounted at the same time as other components to the LED
mounting board.
General Specifications
Connection
B: Bottom Mount Type
Connection to Board
W: SMT straight type, without hold-down



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com